Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 13Page - PHOENIX CONTACT 2201813 Datasheet HTML 14Page - PHOENIX CONTACT 2201813 Datasheet HTML 15Page - PHOENIX CONTACT 2201813 Datasheet HTML 16Page - PHOENIX CONTACT 2201813 Datasheet HTML 17Page - PHOENIX CONTACT 2201813 Datasheet HTML 18Page - PHOENIX CONTACT 2201813 Datasheet HTML 19Page - PHOENIX CONTACT 2201813 Datasheet HTML 20Page - PHOENIX CONTACT 2201813 Datasheet HTML 21Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
17 / 27
HSCH 1,5-...
Dimensions / Positions
Pitch
3.45 mm
No. of positions
HSCH 1,5-2U/12
HSCH 1,5-3U/18
12
18
Technical Data
Insulation material group
I (CTI 600)
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
63 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
320 V
Connection according to standard
DIN EN 61984
Nominal current I
N, depending on
the connector used
8 A
Insulation material
PA
Inflammability class according to
UL 94
V0
Color
RAL 9005, black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com