Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 2Page - PHOENIX CONTACT 2201813 Datasheet HTML 3Page - PHOENIX CONTACT 2201813 Datasheet HTML 4Page - PHOENIX CONTACT 2201813 Datasheet HTML 5Page - PHOENIX CONTACT 2201813 Datasheet HTML 6Page - PHOENIX CONTACT 2201813 Datasheet HTML 7Page - PHOENIX CONTACT 2201813 Datasheet HTML 8Page - PHOENIX CONTACT 2201813 Datasheet HTML 9Page - PHOENIX CONTACT 2201813 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
6 / 27
5
Combination of headers and connectors
5.1
Connections of headers and connectors
Headers
Connectors
5.2
Selecting headers and connectors
The connectors correspond to a unit. For the connectors
there are matching headers in 2 or 3 units for soldering onto
the PCB.
Figure 3
1U connector and 2U + 3U headers (5 mm
pitch)
Figure 4
1U connector and 2U + 3U headers (3.45 mm
pitch)
ince the connectors are available different variants, the con-
nectors have to be suitable for the headers. For the partially
assembled connector with two 1U/20 connections, you also
have to pay attention to the position in the header.
You can also code the connectors so that they are not con-
nected incorrectly by accident (see “Coding the connectors”
on page 23).
HSCH 2.5 -2U /8
9005
Color
/8 = 8 connections
/12 = 12 connections
/18 = 12 connections
T = TWIN
2 = partially assembled
0 = closed
No. of positions
Width in units
Conductor cross
Header
HSCH 2,5-2U/ 8
HSCH 2.5-2U-2220
HSCH 2,5-2U-TTTT
HSCH 2,5-3U/12
HSCH 1,5-2U/12
HSCH 1,5-3U/18
HSCP-SP 2,5 -1U / 4 7035
Color
No. of positions
4 = fully assembled
6 = fully assembled
T = TWIN
2 = partially assembled
0 = closed
Width in units
Conductor cross
Connector
HSCP-SP 2,5-1U/ 4
HSCP-SP 2,5-1U-TT
HSCP-SP 2,5-1U/20
HSCP-SP 1,5-1U/ 6
Headers
Suitable connectors
Connections
Number
HSCH 2,5- 2U/ 8 ...
8
HSCP-SP 2,5- 1U/ 4 ...
2x
HSCH 2,5- 2U-2220 ...
6
HSCP-SP 2,5- 1U/ 4 ...
1U/20 ...
1x
1x
HSCH 2,5- 2U-TTTT ...
4
HSCP-SP 2,5- 1U-TT ...
2x
HSCH 2,5- 3U/12 ...
12 HSCP-SP 2,5- 1U/ 4 ...
3x
HSCH 1,5- 2U/12 ...
12 HSCP-SP 1,5- 1U/ 6 ...
2x
HSCH 1,5- 3U/18 ...
18 HSCP-SP 1,5- 1U/ 6 ...
3x
1U
2U
3U
1U
2U
3U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com