Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 19Page - PHOENIX CONTACT 2201813 Datasheet HTML 20Page - PHOENIX CONTACT 2201813 Datasheet HTML 21Page - PHOENIX CONTACT 2201813 Datasheet HTML 22Page - PHOENIX CONTACT 2201813 Datasheet HTML 23Page - PHOENIX CONTACT 2201813 Datasheet HTML 24Page - PHOENIX CONTACT 2201813 Datasheet HTML 25Page - PHOENIX CONTACT 2201813 Datasheet HTML 26Page - PHOENIX CONTACT 2201813 Datasheet HTML 27Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
23 / 27
9.5
Releasing the connectors (Lock and Release)
Figure 46
Releasing the connectors
•
Insert a screwdriver through the opening of the Lock
and Release system.
•
Hook the tip of the screwdriver into the base latch.
•
Pull the screwdriver forward to release the Lock and
Release system.
The connectors are lifted and the contact is released.
But the connectors do not fall out.
The housing cover remains in its position.
9.6
Coding the connectors
Figure 47
Coding the connectors (pitch 5 mm)
Figure 48
Coding the connectors (pitch 3.45 mm)
You can code the connectors and the headers in order to
prevent them from being connected incorrectly by accident.
Each connector has for four or five positions for attaching
coding plates.
Use the coding profile CP-DMC 1,5-THR NAT, 1790647.
•
Insert a coding plate at the correct position and twist it
off the pentagonal holder.
WARNING: Electric shock
Make sure that the module is free of current.
SZS 0,6X3,5 VDE
1212602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com