Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 16Page - PHOENIX CONTACT 2201813 Datasheet HTML 17Page - PHOENIX CONTACT 2201813 Datasheet HTML 18Page - PHOENIX CONTACT 2201813 Datasheet HTML 19Page - PHOENIX CONTACT 2201813 Datasheet HTML 20Page - PHOENIX CONTACT 2201813 Datasheet HTML 21Page - PHOENIX CONTACT 2201813 Datasheet HTML 22Page - PHOENIX CONTACT 2201813 Datasheet HTML 23Page - PHOENIX CONTACT 2201813 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
20 / 27
8.5
DIN rail connector
It is possible to combine the housings with a DIN rail con-
nector (TBUS) by means of which data or the power supply
can be transmitted from module to module.
The DIN rail connector is simply laid into the DIN rail
NS 35/7.5 and the housing is snapped onto it.
This concept allows complete individual devices to be re-
moved from the group without interrupting the contact chain.
In addition, the DIN rail connector is compatible with the
ME-MAX and ME-TBUS housing ranges.
Figure 39
Dimensions of DIN rail connector
ME 18,8 TBUS 1,5/5-ST-3,81KMGY
Figure 40
Detailed dimensional drawing of the contact pad of the DIN rail connector
25,5
18,9
3,81
36,5
22,1
18,3
Dimensions / Positions
Pitch
3.81 mm
No. of positions
5
Technical Data
Insulation material group
I (CTI 600)
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
125 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection according to standard
DIN EN 61984
Nominal current I
N
8 A
Nominal voltage U
N
125 V
Insulation material
PA
Inflammability class according to
UL 94
V0
3,81
21
2,85
10,3
10
12,6
1,3
20,05
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com