Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 3Page - PHOENIX CONTACT 2201813 Datasheet HTML 4Page - PHOENIX CONTACT 2201813 Datasheet HTML 5Page - PHOENIX CONTACT 2201813 Datasheet HTML 6Page - PHOENIX CONTACT 2201813 Datasheet HTML 7Page - PHOENIX CONTACT 2201813 Datasheet HTML 8Page - PHOENIX CONTACT 2201813 Datasheet HTML 9Page - PHOENIX CONTACT 2201813 Datasheet HTML 10Page - PHOENIX CONTACT 2201813 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
7 / 27
5.3
Concatenating headers
The headers must be concatenated in a way that makes it
possible to attach the Lock and Release system, which is
available in different lengths (3U – 9U).
The headers have guide pins, which have to fit into the re-
cesses of the Lock and Release system.
Figure 5
Guide pin and Lock and Release system
The housing is designed for 9 units. The headers can only
be concatenated at certain positions. In doing so, it is impor-
tant to pay attention to the combination of the headers so
that the guide pins fit into the Lock and Release system.
It is therefore not possible to concatenate the 3U headers di-
rectly because the guide pins will then no longer fit into the
Lock and Release system. For the same reason, 2U head-
ers must always be placed in front of the 3U headers, e.g.
the 2U on position 1 + 2 and the 3U header on positions
3 - 5.
In addition to the headers, housing covers can also be
equipped, which are available in 2 to 7 unit versions. Their
position can be chosen freely.
Possible positions of 3U headers
Figure 6
Possible position and combination of
HSCH ...-3U... 3U headers
In Figure 6 the possible positions of the 3U headers are dis-
played. It shows that a direct concatenation of 3U headers
is not possible.
In front of the 3U headers it is possible to concatenate 2U
headers; housing covers are equipped before and between
them.
Possible positions of 2U headers
Figure 7
Possible positions and combinations of
HSCH ...-2U... 2U headers
The 2U headers can also be directly concatenated. Figure 7
shows all possible positions. You can use the different vari-
ants of the 2U header for this purpose.
3U headers fit to some extent on the unoccupied positions
behind the 2U headers (see Figure 5 and Figure 6). In addi-
tion, housing covers can be equipped. When doing so,
make sure that there are no 1U housing covers.
6
7
8
9
5
4
3
2
1
2U
3U
3U
2U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com