Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 4Page - PHOENIX CONTACT 2201813 Datasheet HTML 5Page - PHOENIX CONTACT 2201813 Datasheet HTML 6Page - PHOENIX CONTACT 2201813 Datasheet HTML 7Page - PHOENIX CONTACT 2201813 Datasheet HTML 8Page - PHOENIX CONTACT 2201813 Datasheet HTML 9Page - PHOENIX CONTACT 2201813 Datasheet HTML 10Page - PHOENIX CONTACT 2201813 Datasheet HTML 11Page - PHOENIX CONTACT 2201813 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
8 / 27
6
Dimensions
6.1
External dimensions
Figure 8
External dimensions of lower housing part with
housing cover
6.2
Internal dimensions of lower housing part
Figure 9
Lower housing part, internal view
6.3
Dimensions of the housing cover
Figure 10
Dimensions of the housing cover
Figure 11
Housing cover ME-IO 18.8 C 3U S1 7035
The housing cover ME-IO 18.8 C 3U S1 7035 is used for
covering a unit of the header. The snap-in hook is therefore
positioned at an offset of 1 unit. At the position to be covered
there are no connectors in the header.
The cover can however also be used for all other headers.
Recommended PCB thickness
1.4 mm ... 1.8 mm
18,9
113,3
18,9
2,4
1,6
12,2
ME-IO 18.8 C 2U 7035
22 mm
ME-IO 18.8 C 3U 7035
33 mm
ME-IO 18.8 C 3U S1 7035
33 mm
ME-IO 18.8 C 4U 7035
44 mm
ME-IO 18.8 C 5U 7035
55 mm
ME-IO 18.8 C 6U 7035
66 mm
ME-IO 18.8 C 7U 7035
77 mm
a
18,9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com