Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 7Page - PHOENIX CONTACT 2201813 Datasheet HTML 8Page - PHOENIX CONTACT 2201813 Datasheet HTML 9Page - PHOENIX CONTACT 2201813 Datasheet HTML 10Page - PHOENIX CONTACT 2201813 Datasheet HTML 11Page - PHOENIX CONTACT 2201813 Datasheet HTML 12Page - PHOENIX CONTACT 2201813 Datasheet HTML 13Page - PHOENIX CONTACT 2201813 Datasheet HTML 14Page - PHOENIX CONTACT 2201813 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
11 / 27
7.3
PCB dimensions according to housing cover
Figure 15
Dimensions of the PCB for housing cover
ME-IO 18.8 C 2U 7035 and
ME-IO 18.8 C 3U S1 7035
Figure 16
Dimensions of the PCB for housing cover
ME-IO 18.8 C 3U 7035
Figure 17
Dimensions of the PCB for housing cover
ME-IO 18.8 C 4U 7035
Figure 18
Dimensions of the PCB for housing cover
ME-IO 18.8 C 5U 7035
Figure 19
Dimensions of the PCB for housing cover
ME-IO 18.8 C 6U 7035
Figure 20
Dimensions of the PCB for housing cover
ME-IO 18.8 C 7U 7035
21,2
18,4
1,4
32,2
29,4
1,4
43,2
40,4
1,4
54,2
51,4
1,4
65,2
62,4
1,4
76,2
73,4
1,4
Locked area, no components at
these positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com