Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 2201813 Datasheet HTML 15Page - PHOENIX CONTACT 2201813 Datasheet HTML 16Page - PHOENIX CONTACT 2201813 Datasheet HTML 17Page - PHOENIX CONTACT 2201813 Datasheet HTML 18Page - PHOENIX CONTACT 2201813 Datasheet HTML 19Page - PHOENIX CONTACT 2201813 Datasheet HTML 20Page - PHOENIX CONTACT 2201813 Datasheet HTML 21Page - PHOENIX CONTACT 2201813 Datasheet HTML 22Page - PHOENIX CONTACT 2201813 Datasheet HTML 23Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
19 / 27
8.4
Connector (pitch 3.45 mm)
Figure 37
Dimensions of the connector
HSCP-SP 1,5-1U/ 6 7035
Derating
Representation in accordance with DIN EN 60512-5-2
–
Reduction factor: 0.8
–
Number of positions: 6
Figure 38
Derating (current I [A], ambient temperature T
[°C])
HSCP-SP 1,5...
Test connection
Color variants and labeling
We recommend using trapezoidal crimp con-
tacts, and crimping them using the CRIMPFOX 6
(1212034) crimping pliers.
18,8
Ø1,2
0
102030 405060 708090 100 110
0
2
4
6
8
10
12
T [°C]
= 1,5 mm²
= 1,0 mm²
= 0,75 mm²
= 0,5 mm²
Dimensions / Positions
No. of positions
HSCP-SP 1,5-1U/ 6 7035
6
Technical Data
Insulation material group
I (CTI 600)
Rated surge voltage (III/3)
2,5 kV
Rated surge voltage (III/2)
2,5 kV
Rated surge voltage (II/2)
2,5kV
Rated voltage (III/3)
63 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
DIN EN 61984
Nominal current I
N
8 A
Nominal cross section
1.5 mm²
Insulation material
PA
Inflammability class in acc. with
UL 94
V0
Connection data
Stripping length w/o ferrule
8 mm ... 10 mm
Ferrule
10 mm
Conductor cross section, solid
0.2 mm² ... 1.5 mm²
AWG 24 ... 16
Conductor cross section, stranded 0.25 mm²... 1.0 mm²
AWG 24 ... 18
Conductor cross section,
stranded, with ferrule, w/o plastic
sleeve
0.25 mm² ... 1.5 mm²
AWG 24 ... 16
Conductor cross section,
stranded, with ferrule, with plastic
sleeve
0.25 mm² ... 1.0 mm²
AWG 24 ... 18
For the test connection we recommend the test
probe MPS-MT 1-S4-B RD, 1982800. Observe
the rated voltage of the test probe of 60 V.
The spring levers can be requested in different
colors.
The connector surface can be labeled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com