Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 17Page - NXP Semiconductors MR2001R Datasheet HTML 18Page - NXP Semiconductors MR2001R Datasheet HTML 19Page - NXP Semiconductors MR2001R Datasheet HTML 20Page - NXP Semiconductors MR2001R Datasheet HTML 21Page - NXP Semiconductors MR2001R Datasheet HTML 22Page - NXP Semiconductors MR2001R Datasheet HTML 23Page - NXP Semiconductors MR2001R Datasheet HTML 24Page - NXP Semiconductors MR2001R Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
NXP Semiconductors
MR2001R
7
Memory map
7.1
Generic memory map
All three MR2001R chips share the same general memory map which simplifies the programming and minimizes the error due to changes
in varying register addresses.
As an example, the register 0x03 describes the control enable/disable functionality. The level of control/enable can be different for each
individual chip. Details can be found in the register map of each chip.
7.2
RX memory map
Table 11. Generic memory map
Addr
Register
Type
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
KEY
R/W
0x00
KEY_5
KEY_4
KEY_3
KEY_2
KEY_1
KEY_0
RESERVED RESERVED
0x01
FSM0
R/W
0x04
NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED
S0_F
RESERVED RESERVED
0x02
FSM1
R/W
0x00
NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED
S1_F
RESERVED RESERVED
0x03
EN
R/W
0x00
EN_5
EN_4
EN_3
EN_2
EN_1
EN_0
RESERVED RESERVED
0x04
CTRL0
R/W
0x00
CTRL0_5
CTRL0_4
CTRL0_3
CTRL0_2
CTRL0_1
CTRL0_0
RESERVED RESERVED
0x05
CTRL1
R/W
0x00
CTRL1_5
CTRL1_4
CTRL1_3
CTRL1_2
CTRL1_1
CTRL1_0
RESERVED RESERVED
0x06
CTRL2
R/W
0x00
CTRL2_5
CTRL2_4
CTRL2_3
CTRL2_2
CTRL2_1
CTRL2_0
RESERVED RESERVED
0x07
CTRL3
R/W
0x00
CTRL3_5
CTRL3_4
CTRL3_3
CTRL3_2
CTRL3_1
CTRL3_0
RESERVED RESERVED
0x08
SNSOUT
R/W
0x00
SNSOUT_5 SNSOUT_4 SNSOUT_3 SNSOUT_2 SNSOUT_1
SNSOUT_0
RESERVED RESERVED
0x09
TST
R/W
0x00
TST_5
TST_4
TST_3
TST_2
TST_1
TST_0
RESERVED RESERVED
Table 12. RX memory map
Addr
Register
Type
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
KEY
R/W
0x00
KEY_5
KEY_4
KEY_3
KEY_2
KEY_1
KEY_0
RESERVED RESERVED
0x01
FSM0
R/W
0x04
NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED
S0_F
RESERVED RESERVED
0x02
FSM1
R/W
0x00
NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED
S1_F
RESERVED RESERVED
0x03
EN
R/W
0x00
CH3
CH2
CH1
NOT_USED
DB_IN
RESERVED RESERVED RESERVED
0x04
CTRL0
R/W
0x00
NOT_USED
VGA1_1
VGA1_0
VGA2_2
VGA2_1
VGA2_0
RESERVED RESERVED
0x05
CTRL1
R/W
0x00
NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED
RESERVED RESERVED
0x06
CTRL2
R/W
0x00
IF_SEL
NOT_USED NOT_USED NOT_USED NOT_USED NOT_USED
RESERVED RESERVED
0x07
CTRL3
R/W
0x00
SD_CH3
SD_CH2
SD_CH1
NOT_USED NOT_USED NOT_USED
RESERVED RESERVED
0x08
SNSOUT
R/W
0x00
TMP_EN
TMP_SEL
PD_EN
PD_SEL0
TMP_TYP
SNS_RSET
RESERVED RESERVED
0x09
TST
R/W
0x00
T_IF3
T_IF2
T_IF1
T_BBCH3
T_BBCH2
T_BBCH1
RESERVED RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com