Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 20Page - NXP Semiconductors MR2001R Datasheet HTML 21Page - NXP Semiconductors MR2001R Datasheet HTML 22Page - NXP Semiconductors MR2001R Datasheet HTML 23Page - NXP Semiconductors MR2001R Datasheet HTML 24Page - NXP Semiconductors MR2001R Datasheet HTML 25Page - NXP Semiconductors MR2001R Datasheet HTML 26Page - NXP Semiconductors MR2001R Datasheet HTML 27Page - NXP Semiconductors MR2001R Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
NXP Semiconductors
24
MR2001R
7.2.6
0x05 RX general control bits
7.2.7
0x06 RX IF load impedance settings
7.2.8
0x07 RX saturation detector enable settings
Each receiver channel contains in total three saturation detectors (after the mixer core, after 1st VGA stage, and after 2nd VGA stage).
The outputs of the saturation detectors from each channel are hardwired together; a separate activation/de-activation of the saturation
detectors in one receiver branch is not possible. All saturation detectors can be activated simultaneously.
Address
0x05
Access: user read write
Bit
76543210
R/W
NOT_USED
NOT_USED
NOT_USED
NOT_USED
NOT_USED
NOT_USED
RESERVED
RESERVED
Reset
00000000
Field
R/W
Description
[1:0]
RESERVED
Reserved bits
[7:2]
NOT_USED
Unused bits
Address
0x06
Access: user read write
Bit
76543210
R/W
IF_SEL
NOT_USED
NOT_USED
NOT_USED
NOT_USED
NOT_USED
RESERVED
RESERVED
Reset
00000000
Field
R/W
Description
[1:0]
RESERVED
Reserved bits
[6:2]
NOT_USED
Unused bits
[7]
IF_SEL
IF load drive capability selection
0 == min. 200
Ω single-ended load supported.
1 == min. 500
Ω single-ended load supported (slightly lower power
consumption of the receiver)
Address
0x07
Access: user read write
Bit
76543210
R/W
SD_CH3
SD_CH2
SD_CH1
NOT_USED
NOT_USED
NOT_USED
RESERVED
RESERVED
Reset
00000000
Field
R/W
Description
[1:0]
RESERVED
Reserved bits
[4:2]
NOT_USED
Unused bits
[5]
SD_CH1
Enable saturation detectors of the receiver channel 1
[6]
SD_CH2
Enable saturation detectors of the receiver channel 2
[7]
SD_CH3
Enable saturation detectors of the receiver channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com