Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 3Page - NXP Semiconductors MR2001R Datasheet HTML 4Page - NXP Semiconductors MR2001R Datasheet HTML 5Page - NXP Semiconductors MR2001R Datasheet HTML 6Page - NXP Semiconductors MR2001R Datasheet HTML 7Page - NXP Semiconductors MR2001R Datasheet HTML 8Page - NXP Semiconductors MR2001R Datasheet HTML 9Page - NXP Semiconductors MR2001R Datasheet HTML 10Page - NXP Semiconductors MR2001R Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
NXP Semiconductors
MR2001R
3.3
Equivalent schematics
Table 3. Equivalent I/O schematics for pin descriptions
Ball location
Pin function
Equivalent I/O schematic
C1, C2, C6, C8
3.3V Power Supply
E1, E2, E3, F3, G1, G2, G3, H1, H2, H3, H8, H9, H10, J3,
J4, J5, J6, J8, K1, K2, K3, K4, K6, K8, K9, K10, L4, L6
RF Ground
A1, A10, D1, D2, E8, F5, F6, F8, G4, G7, G8, G9, G10, H4,
H7, K7, L1, L2, L3, L7, L8, L9, L10
DC Ground
K5,
38 GHz LO input
J3
77 GHz RX input channel 1
F3
77 GHz RX input channel 2
J9
77 GHz RX input channel 3
B3
SPI MISO (master in, slave out)
A3
SPI MOSI (master out, slave in)
B2
SPI serial clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com