Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 28Page - NXP Semiconductors MR2001R Datasheet HTML 29Page - NXP Semiconductors MR2001R Datasheet HTML 30Page - NXP Semiconductors MR2001R Datasheet HTML 31Page - NXP Semiconductors MR2001R Datasheet HTML 32Page - NXP Semiconductors MR2001R Datasheet HTML 33Page - NXP Semiconductors MR2001R Datasheet HTML 34Page - NXP Semiconductors MR2001R Datasheet HTML 35Page - NXP Semiconductors MR2001R Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
NXP Semiconductors
32
MR2001R
8.3.2.2
Noise and gain vs. frequency and channel
Figure 17. Noise and gain vs. rf-frequency at max. gain settings (VGA1 = 22 dB, VGA2 = 16 dB)
at an baseband frequency of 1.0 MHz for all three receiver channels
8.4
External components
8.4.1
Biasing
8.4.1.1
External blocking capacitors
To achieve defined specifications, the supply to the chip must be regarding spurious and noise level as good as possible. For this reason,
typically external filters are added between the sensor supply domain and the on-chip supply domains. Figure 18 shows such a typical
supply scheme. The blocking caps should be placed as close as possible to the package. This is dependent on application board material
and manufacturer.
Figure 18. Typical arrangement and values of blocking capacitors to supply the chips
The blocking cap as
close as possible to
the package
The blocking cap as
close as possible to
the package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com