Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 5 Page - NXP Semiconductors

  MR2001R Datasheet HTML 1Page - NXP Semiconductors MR2001R Datasheet HTML 2Page - NXP Semiconductors MR2001R Datasheet HTML 3Page - NXP Semiconductors MR2001R Datasheet HTML 4Page - NXP Semiconductors MR2001R Datasheet HTML 5Page - NXP Semiconductors MR2001R Datasheet HTML 6Page - NXP Semiconductors MR2001R Datasheet HTML 7Page - NXP Semiconductors MR2001R Datasheet HTML 8Page - NXP Semiconductors MR2001R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
NXP Semiconductors
MR2001R
3
Pin connections
3.1
Pinout diagram
The layout and arrangement of the signal pads are shown in Figure 3.
Figure 3. Pinout (ball) diagram
3.2
Pin definitions (ball)
A functional description of each pin for the MR2001R can be found in Table 2. Equivalent I/O schematics is found in Table 3
Table 2. MR2001R pin definitions
Ball location
Pin name
Pin function
Pin type
Level
Description
A1, A10, D1, D2, E8, F5, F6, F8,
G4, G7, G8, G9, G10, H4, H7,
K7, L1, L2, L3, L7, L8, L9, L10
GND (4)
DC Ground
Power
0.0 V
A3
MOSI
SPI MOSI (master out,
slave in)
Digital Input
0 to 3.3 V
A4
RSETB
Digital hard reset signal
Digital Input
0 to 3.3 V
A6
IF1
Differential IF output
channel 1
Analog Output 0 to 3.3 V
A8
IF3x
Differential IF output
channel 3
Analog Output 0 to 3.3 V
B1
SEB
SPI enable (chip
enable)
Digital Input
0 to 3.3 V
B2
SCLK
SPI serial clock
Digital Input
0 to 3.3 V
B3
MISO
SPI MISO (master in,
slave out)
Digital Output
0 to 3.3 V
B4
SCANB
Digital scan test
Digital Input
0 to 3.3 V
B5
IF2
Differential IF output
channel 2
Analog Output 0 to 3.3 V
Transparent Top View
A
B
C
D
E
F
G
H
J
K
L
1
2
3
4
56
7
8
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com