Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 2Page - NXP Semiconductors MR2001R Datasheet HTML 3Page - NXP Semiconductors MR2001R Datasheet HTML 4Page - NXP Semiconductors MR2001R Datasheet HTML 5Page - NXP Semiconductors MR2001R Datasheet HTML 6Page - NXP Semiconductors MR2001R Datasheet HTML 7Page - NXP Semiconductors MR2001R Datasheet HTML 8Page - NXP Semiconductors MR2001R Datasheet HTML 9Page - NXP Semiconductors MR2001R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
NXP Semiconductors
6
MR2001R
B6
IF2x
Differential IF output
channel 2
Analog Output 0 to 3.3 V
B7
IF1x
Differential IF output
channel 1
Analog Output 0 to 3.3 V
B8
IF3
Differential IF output
channel 3
Analog Output 0 to 3.3 V
B9
TIN
IQ or differential test
signal inputs
Analog Input
Analog Input
0 to 3.3 V
B10
TINx
IQ or differential test
signal inputs
Analog Input
0 to 3.3 V
C1, C2
VCC3 (3)
3.3 V Power Supply
Power
3.3 V
C6
VCC2 (3)
3.3 V Power Supply
Power
3.3 V
C8
VCC1 (3)
3.3 V Power Supply
Power
3.3 V
D9
SENS
Sensor output
(temperature and
power peak detector)
Analog output 0 to 3.3 V
D10
RP
Bandgap reference
resistor (positive
temperature slope)
Analog Input
0 to 3.3 V
See Table 6
E1, E2, E3, F3, G1, G2, G3, H1,
H2, H3, H8, H9, H10, J3, J4, J5,
J6, J8, K1, K2, K3, K4, K6, K8,
K9, K10, L4, L6
GND1 (4)
RF Ground
Power
0.0 V
E5
ADR1
Chip key Bit [1]
Digital Input
0 to 3.3 V
E6
ADR0
Chip key bit [0]
Digital Input
0 to 3.3 V
E9
SD
Saturation detector
output
Analog output 0 to 3.3 V
F2
RX2
77 GHz RX input
channel 2
RF
Input
0.0 V
F10
RN
Bandgap reference
resistor (negative
temperature slope)
Analog Input
0 to 3.3 V
See Table 6
J2
RX1
77 GHz RX input
channel 1
RF
Input
0.0 V
J9
RX3
77 GHz RX input
channel 3
RF
Input
0.0 V
K5
LO
38 GHz LO input
RF
Input
0.0 V
Notes
3.
VCC1, VCC2, VCC3 are only connected via the on-chip metal layers. It is mandatory for each supply domain to be connected to the common
power supply.
4.
GND and GND1 are connected together in the package via the interconnection layer. GND1 is mandatory to be connected, to realize a suitable
RF PCB to package transition.
Table 2. MR2001R pin definitions (continued)
Ball location
Pin name
Pin function
Pin type
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com