Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 9Page - NXP Semiconductors MR2001R Datasheet HTML 10Page - NXP Semiconductors MR2001R Datasheet HTML 11Page - NXP Semiconductors MR2001R Datasheet HTML 12Page - NXP Semiconductors MR2001R Datasheet HTML 13Page - NXP Semiconductors MR2001R Datasheet HTML 14Page - NXP Semiconductors MR2001R Datasheet HTML 15Page - NXP Semiconductors MR2001R Datasheet HTML 16Page - NXP Semiconductors MR2001R Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
NXP Semiconductors
MR2001R
Spurious
PRES_38G
LO/RF (38 GHz) Residual Power at RF Input
–
–
-45
dBm
PRES_76G
LO/RF (76 GHz) Residual Power at RF Input
–
-18
-10
dBm
Linearity
P-1DB_AT 10KHZ Input referred 1 dB compression point at CG = min, at f = 10 kHz
-5.0
–
–
dBm
P-1dB_AT 4MHz
Input referred 1 dB compression point at CG = min, at f = 4.0 MHz
-28
–
–
dBm
P-1dB_AT 4MHz
Input referred 1 dB compression point at G = max, at f = 4.0 MHz
-54
–
–
dBm
Intermodulation (multiple of 10 kHz are generally ignored)
Set-up definition for specs RX35A to RX35F, fLO = 38.25 GHz (-10 dBm)
f1 = 2 x fLO + 10 kHz (-10 dBm)
f2 = 2 x fLO + 100 kHz (-36 dBm)
f3 = 2 x fLO + 125 kHz (-36 dBm)
VGA1 = 16 dB
VGA2 = 10 dB
IM_LOW_1
PIF at 100 kHz - max. (PIF mixing products) excluded are separately
specified intermodulation products
40
–
–
dB
IM_LOW_2
PIF at 125 kHz - max. (PIF mixing products) excluded are separately
specified intermodulation products
40
–
–
dB
IM_LOW_2
PIF at 100 kHz - PIF at 90 kHz and PIF at 125 kHz - PIF at 115 kHz
30
–
–
dB
IM_LOW_3
PIF at 100 kHz - PIF at 110 kHz and PIF at 125 kHz - PIF at 135 kHz
30
–
–
dB
IM_LOW_4
PIF at 100 kHz - PIF at 80 kHz and PIF at 125 kHz - PIF at 105 kHz
30
–
–
dB
IM_LOW_5
PIF at 100 kHz - PIF at 120 kHz and PIF at 125 kHz - PIF at 145 kHz
30
–
–
dB
Intermodulation (multiple of 10 kHz are generally ignored)
Set-up definition for specs RX37A to RX37F, fLO = 38.25 GHz (-10 dBm)
f1 = 2 x fLO + 10 kHz (-10 dBm)
f2 = 2 x fLO + 1.0 MHz (-66 dBm)
f3 = 2 x fLO + 1.1 MHz (-66 dBm)
VGA1 = 16 dB
VGA2 = 16 dB
IM_HIGH_1
PIF at 1.0 MHz - max. (PIF mixing products) excluded are separately
specified intermodulation products
55
–
–
dB
IM_HIGH_2
PIF at 1.1 MHz - max. (PIF mixing products) excluded are separately
specified intermodulation products
55
–
–
dB
IM_HIGH_2
PIF at 1.0 MHz - PIF at (1.0 MHz - 10 kHz) and PIF at 1.1 MHz - PIF
at (1.1 MHz - 10 kHz)
30
–
–
dB
IM_HIGH_3
PIF at 1.0 MHz - PIF at (1.0 MHz + 10 kHz) and PIF at 1.0 MHz - PIF
at (1.1 MHz + 10 kHz)
30
–
–
dB
IM_HIGH_4
PIF at 1.0 MHz - PIF at (1.0 MHz - 20 kHz) and PIF at 1.0 MHz - PIF
at (1.1 MHz - 20 kHz)
30
–
–
dB
IM_HIGH_5
PIF at 1.0 MHz - PIF at (1.0 MHz + 20 kHz) and PIF at 1.0 MHz - PIF
at (1.1 MHz + 20 kHz)
30
–
–
dB
OIP3
Coupled Output Intermodulation
4.0
–
–
dBV
Table 6. Interface levels
Temp = -40 °C to +125 °C, fOUT = 76 to 77 GHz, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com