Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 7Page - NXP Semiconductors MR2001R Datasheet HTML 8Page - NXP Semiconductors MR2001R Datasheet HTML 9Page - NXP Semiconductors MR2001R Datasheet HTML 10Page - NXP Semiconductors MR2001R Datasheet HTML 11Page - NXP Semiconductors MR2001R Datasheet HTML 12Page - NXP Semiconductors MR2001R Datasheet HTML 13Page - NXP Semiconductors MR2001R Datasheet HTML 14Page - NXP Semiconductors MR2001R Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
NXP Semiconductors
MR2001R
5
General IC function description and application
information
5.1
Introduction
NXP provides a total system solution with next-generation embedded radar-based products that include the Qorivva MPC577xK MCU
and 77 GHz packaged radar front-end chipset for both low- and high-end radar modules. This pairing delivers a complete embedded radar
system for automotive designs. Our total solution advances automotive safety by enabling vehicles to sense potential crash situations.
This radar solution provides long- and mid-range functionality, allowing automotive systems to monitor the environment around the vehicle
to help prevent crashes.
A typical radar module consists of a transmit solution (Tx), VCO and three-channel receiver IC (Rx), along with an MCU. The chips are
connected via the local oscillator signal, around 38 GHz. The individual control of each chip is implemented by a serial peripheral interface
(SPI) bus. The main controller and modulation master is a single MCU with integrated high-speed analog-to-digital converters (ADCs) and
appropriate signal processing capability, such as fast Fourier transforms (FFTs).
5.1.1
Features
•76 GHz to 77 GHz RX input and 38 GHz to 38.5 GHz LO input
• Supply voltage 3.3 V
±5.0%
• Supply current typ. 240 mA
• Power dissipation typ. 0.8 W
• Baseband suitable for Qorivva MPC577xK MCU (5.0 MHz)
• On-chip baseband test concept
• Linearity > -5.0 dBm
• Conversion gain 23 dB to 60 dB at 4.0 MHz
• SSB noise figure typical 14 dB
• Saturation detectors
• Tri-state IF outputs
5.2
Electrical characteristics
5.2.1
Receiver Rx
Table 6. Interface levels
Temp = -40 °C to +125 °C, fOUT = 76 to 77 GHz, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VCC
Supply Voltage
• Nominal supply
±5% variation
3.135
3.3
3.465
V
ICC
Supply Current (all channels on)
175
242
288
mA
ICC0
Supply Current S0 (chip de-activated)
–
19
30
mA
PON
Power Consumption (on)
–
0.8
1.0
W
Frequency and # of channels
n_Rx
Number of Channels
–
–
3.0
–
FREQ_RF
RF Range
76
76.5
77
GHz
FREQ_LO
LO Range
38
38.25
38.5
GHz
Thermal parameters
RTH
Thermal Resistance
–
15
22
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com