Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MR2001R Datasheet HTML 8Page - NXP Semiconductors MR2001R Datasheet HTML 9Page - NXP Semiconductors MR2001R Datasheet HTML 10Page - NXP Semiconductors MR2001R Datasheet HTML 11Page - NXP Semiconductors MR2001R Datasheet HTML 12Page - NXP Semiconductors MR2001R Datasheet HTML 13Page - NXP Semiconductors MR2001R Datasheet HTML 14Page - NXP Semiconductors MR2001R Datasheet HTML 15Page - NXP Semiconductors MR2001R Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
NXP Semiconductors
12
MR2001R
Control
SPI
SPI Functionality - 10 MHz clock required
Yes
RF, LO return loss
G_LO
LO-port Return Loss (50
Ω)10
–
–
dB
G_RF
RF-port Return Loss (50
Ω)10
–
–
dB
(5)
LO input power
P_LO
LO Input Power - single-ended configuration
-11
–
0.0
dBm
BB parameters
IF_BW
IF Bandwidth - output DC coupled, information only
0.0
–
5.0
MHz
IF_COUP
IF Coupling
DC
–
fHP
High-pass (HP) Filter Edge Frequency (-6.0 dB)
240
300
360
kHz
sHP
Slope Below f_HP
–
40
–
dB/decade
LP_order
Low Pass Filter (LP) Order - center freq. at approx. 8.0 MHz -
information only
–1.0
–
–
LP_freq
Low Pass Filter (LP) Edge Frequency - 1.0 dB attenuation at 5.0 MHz,
LP 1st order
5.0
–
–
MHz
Conversion gain
CGMAX
Max. Conversion Gain at f = 4.0 MHz - 22 dB 1st VGA, 16 dB 2nd
VGA
50
57
61
dB
CGMIN
Min. Conversion Gain at f = 4.0 MHz - 10 dB 1st VGA, -2.0 dB 2nd
VGA
20
26.5
32
dB
CGSTEP
Conversion Gain Step-size (VGA settings)
4.5
5.5
6.5
dB
CG_VS_FREQ
Conversion Gain Max. Difference (76 GHz to 77 GHz range)
•27 °C and 125 °C
•-40 °C
0.0
0.0
–
–
1.5
2.0
dB
CG_RIPPLE
Conversion Gain Frequency Slope - not measured in production
in the frequency range from 76 GHz to 77 GHz, only smooth transition
allowed
––
0.2
dB/
100 MHz
IF_LOAD_R
IF Load Impedance (single-ended) - IF output is differential and DC
coupled, RaceRunner has 6.0 k
Ω input impedance. AC coupling of
load is required. Support of 200, 500
Ω controllable via the SPI.
200
–
–
W
IF_LOAD_C
IF Load Capacity (single-ended) - parasitic cap due to PCB
–
–
30
pF
AM_REJ
LO AM Noise Rejection Modulation Index = 10%, f = 200 k up to
5.0 M, 200 k steps GA1 = tbd, VGA 2 = tbd - Suppression = PIF -
PAM, LO
40
–
–
dB
PH_CH2CH
Phase Variation From Channel-to-Channel - cannot be verified by
NXP measurements, will be measured in system and guaranteed by
design.
––
3.0
degree
CG_CH2CH
Conversion Gain Variation From Channel-to-Channel - cannot be
verified by NXP measurements, will be measured in system and
guaranteed by design
––
1.0
dB
ICG_CH2CH
Initial Conversion Gain Variation From Channel-to-Channel - static
variation of gain; std. condition
––
2.0
dB
Notes
5.
Referenced after matching structure on board; see Figure 24.
Table 6. Interface levels
Temp = -40 °C to +125 °C, fOUT = 76 to 77 GHz, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com