Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) LM5072 Datasheet HTML 19Page - National Semiconductor (TI) LM5072 Datasheet HTML 20Page - National Semiconductor (TI) LM5072 Datasheet HTML 21Page - National Semiconductor (TI) LM5072 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
RAUX Option (Continued)
actually be removed by the PSE, although the DC current
from the network cable is effectively reduced to zero (< 150
µA). IEEE 802.3af requires the AC input impedance to be
greater than 2 M
Ω to ensure PoE power removal. This
condition is not satisfied when the auxiliary power source is
applied. The PSE may remove power from a port based on
the reduction in DC current. This is commonly known as DC
Maintain Power Signature (DC MPS), a common feature in
many PSE systems.
The high voltage startup regulator of the PWM controller
does not have low dropout capability and will not be able to
provide V
CC when the potential from VIN to RTN is less than
14.5V (no external V
CC load). In this case, the auxiliary
voltage should supply V
CC directly via diode OR-ing to en-
sure successful startup.
When using the RAUX configuration, the positive potential
connection of the 0.1 µF signature capacitor should be
moved from VIN to RTN/ARTN as shown in Figure 11. This
provides a high frequency, low impedance path for the IC’s
substrate during rear auxiliary opration. Placing the capacitor
here will not affect signature mode.
It should be noted that rear auxiliary non-dominance does
not imply PoE dominance. PoE dominance is difficult to
achieve in any PoE system if continuity of power is desired.
When the PoE voltage appears, the PSE and PD interface
must continue delivering load current in addition to charging
the input capacitor bank from the auxiliary voltage to the PoE
voltage. The situation is further complicated by the fact that
for a given delivered power level, the load current is much
higher at the lower input voltages typically used in auxiliary
supplies. As is the case during any inrush sequence, very
high power is dissipated in the hot swap MOSFET. Conse-
quently, attempting to achieve inrush completion while deliv-
ering load current is highly ill advised. Lastly, current deliv-
ered to the system may be limited by the PSE, the PD, or
both.
A Note About FAUX and RAUX Pin
False Input State Detection
The ICL_FAUX and RAUX pins are used to sense the pres-
ence of auxiliary power sources. The input voltage of each
pin must remain low when the auxiliary power sources are
absent. However, the Or-ing diodes feeding the auxiliary
power are not ideal and leak reverse current that can flow
from the PoE input to both the ICL_FAUX and RAUX pins.
When PoE power is applied, these leakage currents may
elevate the potentials of the ICL_FAUX and RAUX pins to
false logic states.
One of two failure modes may be observed when the power
diode feeding the front auxiliary input leaks excessively.
First, the current may corrupt the inrush current limit pro-
gramming, if that feature has been implemented. Second,
the leakage current may elevate the voltage on the pin to the
ICL_FAUX input threshold, which will force UVLO release.
This would certainly interrupt any attempt by the LM5072 PD
interface to perform the signature or classification functions.
When the power diode that feeds the rear auxiliary input
leaks, the false signal could imply a rear auxiliary supply is
present. In this case, the internal hot swap MOSFET will be
turned off. This would of course block PoE power flow and
cause the circuit to prevent startup.
This leakage problem at the control input pins can be easily
solved. As shown in Figure 12, an additional pull-down re-
sistor (Rpd) across each auxiliary power control input pro-
vides a path for the diode leakage current so that it will not
create false states on the ICL_FAUX or RAUX pins.
High Voltage Startup Regulator
The LM5072 contains a startup bias regulator that allows the
VIN pin to be connected directly to PoE network voltages as
high as 100V. The regulator output is connected to the VCC
pin, providing an initial DC bias voltage of 7.7V nominal to
start the PWM controller. The regulator is internally current
limited to no less than 15 mA to prevent excessive power
dissipation. For V
CC voltage stability and noise immunity, a
capacitor ranging between 0.1 µF to 10 µF is required be-
tween the VCC and ARTN pins. Though the current capabil-
ity of the regulator exceeds the requirements of the IC, no
external DC load drawing more than 3 mA should be applied
to the output. A small amount of current for a “Powered from
PoE” indicator LED (see Power Good section) is acceptable.
After the DC-DC converter reaches steady state operation,
the V
CC voltage is typically elevated by an auxiliary winding
of the power transformer. The sustained V
CC voltage should
be greater than 8.1V to guarantee the current supplied by
the startup regulator is reduced to zero. Increasing the VCC
pin voltage above the regulation level of the startup regulator
automatically disables the regulator, thus reducing the power
dissipation inside the LM5072. The power savings can be
significant as many high voltage MOSFETs require a rela-
tively large amount of gate charge and the gate drive current
adds directly to the V
CC current draw.
AV
CC under-voltage lock-out circuit monitors the VCC volt-
age to prevent the PWM controller from operating as the V
CC
voltage rises during startup or falls during shutdown. The
PWM controller is enabled when the V
CC voltage rising edge
exceeds 7.6V and disabled when the V
CC voltage falling
edge drops below 6.25V.
Error Amplifier
The LM5072 contains a wide-bandwidth, high-gain error am-
plifier to regulate the output voltage in non-isolated applica-
tions. The amplifier’s non-inverting input is set to a fixed
reference voltage of 1.25V, while the inverting input is con-
nected to the FB pin. The open-drain output of the amplifier
is connected to the COMP pin, which is pulled up internally
througha5k
Ω resistor to an internal 5V bias voltage.
Feedback loop compensation can be easily implemented by
placing the compensation network, represented by “Zcomp”,
between the FB and COMP pins as shown in Figure 13.
20184629
FIGURE 12. Bypassing Resistor – Prevents False
ICL_FAUX and RAUX Pin Signaling
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com