Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 10Page - National Semiconductor (TI) LM5072 Datasheet HTML 11Page - National Semiconductor (TI) LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Inrush Current Limit Programming
(Continued)
will turn on the hot swap MOSFET in a constant current
mode. The default, pre-programmed inrush current of 150
mA can be selected by simply leaving the ICL_FAUX pin
open.
To adjust the capacitor charging time for a particular appli-
cation requirement, the inrush limit can be programmed to
any value between 150 and 400 mA with an external resistor
(R
ICL) between the ICL_FAUX and VEE pins, as shown in
Figure 7. The relationship between the R
ICL value and the
desired inrush current limit I
INRUSH satisfies the following
equation:
The inrush current causes a voltage drop along the PoE
Ethernet cable (20
Ω maximum) that reduces the input volt-
age sensed by the LM5072. To avoid erratic turn-on (hic-
cups), I
INRUSH should be programmed such that the input
voltage drop due to cable resistance does not exceed the
V
IN-UVLO hysteresis (6V minimum).
DC Current Limit Programming
The LM5072 provides a default DC current limit of 440 mA
nominal. This default limit can be selected by leaving the
DCCL pin open.
The LM5072 allows the DC current limit to be programmed
within the range from 150 mA to 800 mA. Figure 8 shows the
method to program the DC current limit with an external
resistor, R
DCCL. The relationship between the RDCCL value
and the desired DC current limit I
DC satisfies the following
equation:
The maximum recommended DC current limit is 800 mA.
While thermal analysis should be a standard part of the
module development process, it may warrant additional at-
tention if the DC current limit is programmed to values in
excess of 400 mA. This analysis should include evaluations
of the dissipation capability of LM5072 package, heat sinking
properties of the PC Board, ambient temperature, and other
heat dissipation factors of the operating environment.
Power Good and Regulator Startup
The Power Good status indicates that the circuit is ready for
PWM controller startup to occur. It is established when the
input capacitors are fully charged through the hot swap
MOSFET. Since the hot swap MOSFET is in series with the
input capacitors of the DC-DC converter, its drain-to-source
voltage decreases as the charging occurs. Power Good is
indicated when the following two conditions are met: the
MOSFET drain-to-source voltage drops below 1.5V (with 1V
hysteresis), and the gate-to-source voltage is greater than
5V. Circuitry internal to the LM5072 monitors both the drain
and gate voltages (see Figure 1), and issues the Power
Good status flag by pulling down the nPGOOD pin to a logic
low level relative to the ARTN pin.
The nPGOOD circuitry consists of a 2.5V comparator, a
130
Ω pull down MOSFET, and a 50 µA pull up current
source, as shown in Figure 9. Once the Power Good status
is established, the nPGOOD pin voltage will be pulled down
quickly by the MOSFET, and the PWM controller will start as
soon as the nPGOOD pin voltage drops below the 2.5V
threshold.
20184622
FIGURE 7. Input Inrush Limit Programming via R
ICL
20184624
FIGURE 8. Input DC Current Limit Programming via
R
DCCL
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com