Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) LM5072 Datasheet HTML 19Page - National Semiconductor (TI) LM5072 Datasheet HTML 20Page - National Semiconductor (TI) LM5072 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Auxiliary Power Options (Continued)
TABLE 3. Comparison Between FAUX and RAUX Operation
Tradeoff
FAUX Operation
RAUX Operation
Hot Swap Protection / Current Limit
Protection
Automatically provided by the hot
swap MOSFET.
Requires a series resistor to limit the inrush
current during hot swap.
Minimum Auxiliary Voltage
(at the IC pins)
Limited to 18V by the signature
detection mode, or by the power
requirement (current limit).
Only limited by 9V minimum input requirement.
Auxiliary Dominance Over PoE
Cannot be forced without external
components.
Can be forced with appropriate RAUX pin
configuration.
Use of nPGOOD Pin as “Powered
from PoE” Indicator
Not applicable as power is delivered
through the hot swap interface in both
PoE and FAUX modes.
Supported.
Transient Protection
Excellent due to active MOSFET
current limit.
Fair due to passive resistor current limit.
The term “Auxiliary Dominance” mentioned in Table 3 means
that when the auxiliary power source is connected, it will
always power the PD regardless of the state of PoE power.
“Aux dominance” is achievable only with the RAUX option,
as noted in the table.
If the PD is not designed for aux dominance, either the FAUX
or RAUX power sources will deliver power to the PD only
under the following two conditions: (i) If auxiliary power is
applied before PoE power, it will prevent the PD’s detection
by the PSE and will supply power indefinitely. This occurs
because the PoE input bridge rectifiers will be reverse bi-
ased, so no detection signature will be observed. Under this
condition, when the auxiliary supply is removed, power will
not be maintained because it will take some time for the PSE
to perform signature detection and classification before it will
supply power. (ii) If auxiliary power is applied after PoE
power is already present but has a higher voltage than PoE,
it may assume power delivery responsibility. Under the sec-
ond case, if the supplied voltages are comparable, the load
current may be shared inversely proportional to the respec-
tive output impedances of each supply. (The output imped-
ance of the PSE supply is increased by the cable series
resistance).
If PoE power is applied first and has a higher voltage than
the non-dominant aux power source, it will continue power-
ing the PD even when the aux power source becomes
available. In this case, should PoE power be removed, the
auxiliary source will assume power delivery and supply the
DC-DC loads without interruption.
If either FAUX or RAUX power is supplied prior to PoE
power, it will prevent the recognition of the PD by the PSE.
Consequently, continuity of power delivery cannot be guar-
anteed because the PoE supply will not be present when
auxiliary power is removed.
FAUX Option
With the FAUX option, the LM5072 hot swap MOSFET pro-
vides inrush and DC current limit protection for the auxiliary
power source. To select the FAUX configuration for an aux-
iliary voltage lower than nominal PoE voltages, the
ICL_FAUX pin must be forced above its high threshold to
override the VIN UVLO function. Note that when the
ICL_FAUX pin is pulled high to override VIN UVLO, it also
overrides the inrush current limit programmed by R
ICL,if
present. In this case, the inrush current will revert back to the
default 150 mA limit.
Pulling up the ICL_FAUX pin will increase the default DC
current limit to 540 mA. This increase in DC current limit is
necessary because higher current is required to support the
PD output power at the lower input potentials observed with
auxiliary sources. In cases where the auxiliary supply volt-
age is comparable to the PoE voltage, there is no need to
pull-up the ICL_FAUX pin to override VIN UVLO, and the
default DC current limit remains at 440 mA. However, if the
DC current limit is externally programmed with R
DCCL, the
condition of the ICL_FAUX pin will not affect the pro-
grammed DC current limit. In other words, programmed DC
current limit can be considered a “hard limit” that will not vary
in any configuration.
RAUX Option
The RAUX option is desirable when the auxiliary supply
voltage is significantly lower than the PoE voltage or when
aux dominance is desired. The inrush and DC current limits
of the LM5072 do not protect or limit the RAUX power
source, and an additional resistor in the RAUX input path will
be needed to provide transient protection.
To select the RAUX option without aux dominance, simply
pull up the RAUX pin to the auxiliary power supply voltage
through a high value resistor. Depending on the auxiliary
supply voltage, the resistor value should be selected such
that the current flowing into the RAUX pin is approximately
100 µA when the pin is mid-way between the lower and
upper RAUX thresholds (approximately 4V). For example,
with an 18V non-dominant rear auxiliary supply, the pull up
resistor should be:
If the PSE load capacity is limited and insufficient, aux
dominance will be a desired feature to off load PoE power for
other PDs that do not have auxiliary power available. Aux
dominance is achieved by pulling the RAUX pin up to the
auxiliary supply voltage through a lower value (~5k
Ω) resis-
tor that delivers at least 250 µA into the RAUX pin. When this
higher RAUX current level is detected, the LM5072 shuts
down the PD interface. In aux dominant mode, the auxiliary
power source will supply the PD system as soon as it is
applied. PD operation will not be interrupted when the aux
power source is connected. The PoE source may or may not
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com