Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 8Page - National Semiconductor (TI) LM5072 Datasheet HTML 9Page - National Semiconductor (TI) LM5072 Datasheet HTML 10Page - National Semiconductor (TI) LM5072 Datasheet HTML 11Page - National Semiconductor (TI) LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Detection Signature
During detection mode, a PD must present a signature re-
sistance between 23.75 k
Ω and 26.25 kΩ to the PoE power
sourcing equipment. This signature impedance distinguishes
the PD from non-PoE capable equipment to protect the latter
from being accidentally damaged by inadvertent application
of PoE voltage levels. To simplify the circuit implementation,
the LM5072 integrates the 24.5 k
Ω signature resistor, as
shown in Figure 4.
During detection mode, the voltage across the VIN and VEE
pins is less than 10V. Once signature mode is complete, the
LM5072 will disengage the signature resistor to reduce
power loss in all other modes.
Classification
Classification is an optional feature of the IEEE802.3af
specification. It is primarily used to identify the power re-
quirements of a particular PD device. This feature will allow
the PSE to allocate the appropriate available power to each
device on the network. Classification is performed by mea-
suring the current flowing into the PD during this mode. IEEE
802.3af specifies five power classes, each corresponding to
a unique range of classification current, as presented in
Table 2. The LM5072 simplifies the classification implemen-
tation by requiring a single external resistor connected be-
tween the RCLASS and VEE pins to program the classifica-
tion current. The resistor value required for each class is also
given in Table 2.
TABLE 2. Classification Levels and Required External Resistor Value
Class
PD Max Power Level
ICLASS Range
LM5072
RCLASS Value
From
To
From
To
0 (Default)
0.44W
12.95W
0 mA
4 mA
Open
1
0.44W
3.84W
9 mA
12 mA
130
Ω
2
3.84W
6.49W
17 mA
20 mA
71.5
Ω
3
6.49W
12.95W
26 mA
30 mA
46.4
Ω
4
Reserved
Reserved
36 mA
44 mA
31.6
Ω
Figure 5 shows the LM5072’s implementation of PD classi-
fication using an external resistor connected to the RCLASS
pin. During classification, the voltage across the VIN and
VEE pins is between 13V and 23.5V. In this voltage range,
the class resistor RCLASS is engaged by enabling the 1.25V
buffer amplifier and MOSFET. After classification is com-
plete, the voltage from the PSE will increase to the normal
operating voltage of the PoE system (48V nominal). When
V
IN
rises above 23.5V, the LM5072 will disengage the
RCLASS resistor to reduce on-chip power dissipation.
The classification feature is disabled when either the front or
rear auxiliary power options are selected, as the classifica-
tion function is not required when power is supplied from an
auxiliary source. The classification function is also disabled
when the LM5072 reaches the thermal shutdown tempera-
ture threshold (nominally 165˚C). This may occur if the
20184618
FIGURE 4. Detection Circuit With Integrated PD
Signature Resistor
20184619
FIGURE 5. PD Classification – Fulfilled With a Single External Resistor
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com