Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 6Page - National Semiconductor (TI) LM5072 Datasheet HTML 7Page - National Semiconductor (TI) LM5072 Datasheet HTML 8Page - National Semiconductor (TI) LM5072 Datasheet HTML 9Page - National Semiconductor (TI) LM5072 Datasheet HTML 10Page - National Semiconductor (TI) LM5072 Datasheet HTML 11Page - National Semiconductor (TI) LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Specialized Block Diagrams (Continued)
Description of Operation and
Applications Information
The LM5072 integrates a fully IEEE 802.3af compliant PD
interface and PWM controller in a single integrated circuit,
providing a complete and low cost power solution for devices
that connect to PoE systems. The implementation requires a
minimal number of external components.
The LM5072’s Hot Swap PD interface provides four major
advantages:
1.
An input voltage rating up to 100V that allows greater
flexibility when selecting a transient surge suppressor to
protect the PD from voltage transients encountered in
PoE applications.
2.
The integration of the PD signature resistor and other
functions including programmable inrush current limit,
input voltage under-voltage lock-out (UVLO), PD classi-
fication, and thermal shutdown simplifies PD implemen-
tation.
3.
The PD interface and PWM controller accept power from
auxiliary sources including AC adapters and solar cells
in various configurations and over a wide range of input
voltages. Auxiliary power input can be programmed to
be dominant over PoE power.
4.
DC current limit is programmable and adjustable to sup-
port PoE applications requiring input currents up to 700
mA.
The LM5072 includes an easy to use PWM controller based
on the peak current mode control technique. Current mode
control provides inherent advantages such as line voltage
feed-forward, cycle-by-cycle current limit, and simplified
closed-loop compensation. The controller’s PWM gate driver
is capable of sourcing and sinking peak currents of 800 mA
to directly drive the power MOSFET switch of the DC-DC
converter. The PWM controller also contains a high gain,
high bandwidth error amplifier, a high voltage startup bias
regulator, a programmable oscillator for a switching fre-
quency between 50 kHz to 500 kHz, a bias supply (V
CC)
under-voltage lock-out circuit, and a programmable soft-start
circuit. These features greatly simplify the design and imple-
mentation of single ended topologies like the flyback, for-
ward and buck.
The LM5072 is available in two versions, the LM5072-50 and
LM5072-80. As indicated in the suffix of the part number, the
maximum duty cycle of each device is limited to 50% and
80%, respectively. Internal PWM controller slope compensa-
tion is provided in the LM5072-80 version.
20184616
FIGURE 2. PWM Controller Block Diagram
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com