Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 11Page - National Semiconductor (TI) LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) LM5072 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Power Good and Regulator Startup (Continued)
The nPGOOD pin can be configured to perform multiple
functions. As shown in Figure 9, it can be used to implement
a “Powered from PoE” indicator using an LED with a series
current limiting resistor connected to the VCC pin. This may
be useful when the auxiliary power source is directly con-
nected to the DC-DC converter stage, a situation known as
“RAUX” (see Auxiliary Power Options below). In such a
configuration, the nPGOOD pin will be active when the PD is
operating from PoE power but not when it is powered from
the auxiliary source. However, the “Powered from PoE” indi-
cator is not applicable in systems implementing the front
auxiliary power configuration “FAUX” (see Auxiliary Power
Options below) because both PoE and auxiliary supply cur-
rent pass through the hot swap MOSFET. In this configura-
tion, the nPGOOD pin is active when either PoE power or
auxiliary power is applied. The designer should ensure that
the current drawn by the LED is not more than a few milli-
amps, as the V
CC regulator’s output current is limited to 15
mA and must also supply the LM5072’s bias current and
external MOSFET’s gate charging current. Supplying an
external V
CC that is higher than the regulated level with a
bench supply is an easy way to measure VCC load during
normal operation. It should also be noted that an external
load on the V
CC line will increase the dropout voltage of the
V
CC regulator. This may be a concern when operating from a
low voltage rear auxiliary supply.
The nPGOOD pin can also be used to implement a delay
timer by adding a capacitor from the nPGOOD pin to the
ARTN pin. This delay timer will prevent the interruption of the
PWM controller’s operation in the event of an intermittent
loss of Power Good status. This can be caused by PoE line
voltage transients that may occur when switching between
normal PoE power and a backup supply system (e.g. a
battery or UPS). This condition will create a new “hot swap”
event if there is a voltage difference between the backup
supply and PoE supply. Since the hot swap MOSFET will
likely limit current during such a sudden input voltage
change, the nPGOOD pin will momentarily switch to the ”pull
up” state. A capacitor on this pin will delay the transition of
the nPGOOD pin state in order to provide continuous opera-
tion of the PWM controller during such transients. The Power
Good filter delay time and capacitor value can be selected
with the following equation:
For example, selecting 1000 nF for C
PGOOD, the delay time
will be 50 ms if no LED is used and about 0.83 ms when an
LED, drawing 3 mA, is used. The delay required for contin-
ued operation will depend on the amplitude of the transient,
the DC current limit, the load, and the total amount of input
capacitance. Note that this delay does not guarantee contin-
ued operation. If the hot swap MOSFET is in current limit for
an extended period, it may cause a thermal limit condition.
This will result in a complete shutdown of the switching
regulator, though no elements in the system will be perma-
nently damaged and normal operation will resume momen-
tarily.
The Power Good status will also affect the default DC cur-
rent limit. Should the sensed drain to source voltage of the
hot swap MOSFET (from ARTN to V
EE) exceed 2.5V, the
LM5072 will increase the DC current limit from the default
440 mA to 540 mA, thus allowing the PD to continue opera-
tion through the transient event. This higher current limit will
remain in effect until one of the following events occur: (i) the
duration of loss of Power Good status exceeds t
PG_Delay,at
which time the PWM controller will be disabled, (ii) the
increased power dissipation in the hot swap MOSFET
causes a thermal limit condition as previously discussed, or
(iii) the MOSFET drain to source voltage falls below 1.5V to
re-establish Power Good status. Under this condition, the
LM5072 will revert back to the default 440 mA DC current
limit once Power Good status is restored. Note that if the DC
current limit has been programmed externally with R
DCCL
(see the DC current limit section), the DC current limit will
remain at the programmed level even when the Power Good
status is lost.
20184625
FIGURE 9. "Powered-from-PoE" Indictor and Power Good Delay Timer
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com