Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) LM5072 Datasheet HTML 19Page - National Semiconductor (TI) LM5072 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Auxiliary Power Options
The LM5072 based PD can receive power from auxiliary
sources like AC adapters and solar cells in addition to the
PoE enabled network. This is a desirable feature when the
total system power requirements exceed the PSE’s load
capacity. Furthermore, with the auxiliary power option the PD
can be used in a standard Ethernet (non-PoE) system.
For maximum versatility, the LM5072 accepts two different
auxiliary power configurations. The first one, shown in Figure
10, is the front auxiliary (FAUX) configuration in which the
auxiliary source is “diode OR’d” with the PoE potential re-
ceived from the Ethernet connector. The second configura-
tion, shown in Figure 11, is the rear auxiliary (RAUX) option
in which the auxiliary power bypasses the PoE interface and
is connected directly to the input of the DC-DC converter
through a diode. The FAUX option is desirable if the auxiliary
power voltage is similar to the PoE input voltage. However,
when the auxiliary supply voltage is much lower than the
PoE input voltage, the RAUX option is more favorable be-
cause the current from the auxiliary supply is not limited by
the hot swap MOSFET DC current limit. A comparison of the
FAUX and RAUX options is presented in Table 3. Note the
ICL_FAUX and RAUX pins are not reverse voltage pro-
tected. If complete reverse protection is desired, series
blocking diodes are necessary.
20184627
FIGURE 10. The FAUX Configuration
20184628
FIGURE 11. The RAUX Configuration
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com