Electronic Components Datasheet Search
  English  ▼

X  

LM5072 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) LM5072 Datasheet HTML 19Page - National Semiconductor (TI) LM5072 Datasheet HTML 20Page - National Semiconductor (TI) LM5072 Datasheet HTML 21Page - National Semiconductor (TI) LM5072 Datasheet HTML 22Page - National Semiconductor (TI) LM5072 Datasheet HTML 23Page - National Semiconductor (TI) LM5072 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Soft-Start (Continued)
external capacitor. Note that the slope of the supply’s output
voltage is influenced by the load condition and the total
output capacitance of the supply, as well as the soft-start
programming. The supply should be started slowly enough
such that the input current is limited below the hot swap
MOSFET DC current limit.
Gate Driver and Maximum Duty
Cycle Limit
The LM5072’s gate drive (OUT) pin can source and sink a
peak current of 800 mA directly to the gate of the DC-DC
converter’s power MOSFET switch. To serve a variety of
applications, the LM5072 is available with two options for
maximum PWM duty cycle. The LM5072-80 operates at duty
cycles up to 80% while the LM5072-50 limits the PWM duty
cycle to 50%.
Oscillator, Shutdown and Sync
Capability
The LM5072 requires a single external resistor connected
between the RT and ARTN pins to set the oscillator fre-
quency (F
OSC). The RT timing resistor should be located
very close to the IC and connected directly to the RT and
ARTN pins. The following equation describes the relation-
ship between F
OSC and the RT resistor value:
The LM5072 can also be synchronized to an external clock
signal with a frequency higher than the programmed oscilla-
tor frequency determined by the R
T resistor. The clock signal
should be coupled into the RT pin through a 100 pF capaci-
tor, as shown in Figure 17. Successful synchronization re-
quires the peak voltage of the sync pulse signal to be greater
than 3.7V at the RT pin, and pulse width between 15 and 150
ns (set by external components). The R
T resistor is always
required, whether the oscillator is operated in “free-running”
mode or with external synchronization.
Special attention should be paid to the relationship between
the oscillator frequency and the PWM switching frequency.
For the LM5072-50 version, the programmed oscillator fre-
quency is internally divided by two in order to facilitate the
50% duty cycle limit. The PWM output switching frequency is
therefore one half of the programmed oscillator frequency.
The frequency divider is not used in the LM5072-80 and
therefore the PWM output frequency is the same as the
oscillator frequency. These relationships also apply to exter-
nal synchronization frequency versus PWM output fre-
quency.
PWM Comparator / Slope
Compensation
The PWM comparator produces the PWM duty cycle by
comparing the current sense ramp signal with an error volt-
age derived from the error amplifier output. The error ampli-
fier output voltage at the COMP pin is offset by 1.4V and
then further attenuated by a 3:1 resistor divider before it is
presented to the PWM comparator input.
The PWM duty cycle increases with the voltage at the COMP
pin. The controller output duty cycle reduces to zero when
the COMP pin voltage drops below approximately 1.4V.
For duty cycles greater than 50%, current mode control
loops are subject to sub-harmonic oscillation. This instability
can be eliminated by adding an additional fixed slope voltage
ramp signal to the current sense signal. This technique is
commonly
known
as
“slope
compensation”.
For
the
LM5072-80 version with its maximum duty cycle of 80%,
slope compensation is integrated by injecting a 45 µA current
ramp from the oscillator into the current sense signal path
(see Figure 2). The 45 µA peak ramping current flows
through an internal 2 k
Ω resistor to produce a fixed voltage
ramp at the PWM comparator input. Additional slope com-
pensation may be added by increasing the source imped-
ance of the current sense signal with an external resistor
between the CS pin and the source of the current sense
signal. The feature is disabled for the LM5072-50 version
because the duty cycle is limited to 50% and slope compen-
sation is not required.
Thermal Protection
The LM5072 includes internal thermal shutdown circuitry to
protect the IC in the event the maximum junction tempera-
ture is exceeded. This circuit prevents catastrophic over-
heating due to accidental overload of the hot swap MOSFET
or other circuitry. Typically, thermal shutdown is activated at
165˚C, causing the hot swap MOSFET and classification
regulator to be disabled. The PWM controller is disabled
after the PGOOD timer has expired. Thermal limit is not
enabled unless the module is being powered through the
front end and the hot swap MOSFET is enhanced. V
CC
current limit provides an adequate level of protection for this
15 mA regulator. The thermal protection is non-latching,
therefore after the temperature drops by the 25˚C nominal
hysteresis, the hot swap MOSFET is re-activated and a
soft-start is initiated to restore the LM5072 to normal opera-
tion. If the cause of overheating has not been eliminated, the
circuit will hiccup in and out of the thermal shutdown mode.
PCB Layout Guidelines
Before processing the Printed Circuit Board (PCB) layout,
the engineer should make all necessary adjustments to the
schematic to suite the application. The reader may notice
that the LM5072 evaluation board is designed with dual
outputs, both FAUX and RAUX power options, and some
re-configuration flexibility features (refer to Figure 19). How-
ever, many devices can be removed for a particular applica-
tion. Recommendations on simplifying Figure 19 to suit a
given application are as follows:
1.
When selecting the FAUX power option only, delete C3,
D1, D2, J3, P3, P4, R1, R2, R13, and R29.
20184635
FIGURE 17. Oscillator Synchronization Implementation
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com