Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 12Page - NXP Semiconductors PCF2113EU Datasheet HTML 13Page - NXP Semiconductors PCF2113EU Datasheet HTML 14Page - NXP Semiconductors PCF2113EU Datasheet HTML 15Page - NXP Semiconductors PCF2113EU Datasheet HTML 16Page - NXP Semiconductors PCF2113EU Datasheet HTML 17Page - NXP Semiconductors PCF2113EU Datasheet HTML 18Page - NXP Semiconductors PCF2113EU Datasheet HTML 19Page - NXP Semiconductors PCF2113EU Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
16 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.2 Display control commands
8.1.2.1
Command: Clear_display
The Clear_display command clears the entire display.
Clear_display: Writes the character code 20h (blank pattern) into all DDRAM addresses
except for the character set ‘R’ where the character code 20h is not a blank pattern.
When using character set ‘R’, use the following alternative instruction:
1. Switch off display (Display_control, bit D = 0).
2. Write a blank pattern into all DDRAM addresses (Write_data).
3. Switch on display (Display_control, bit D = 1).
The address counter remains on the previously accessed pointer, bit I_D keeps the
previously programmed value.
8.1.2.2
Command: Return_home
The Return_home command sets the cursor to the left top corner of the display.
Return_home: Sets the address counter to logic 0 and switches a shifted display back to
an unshifted state. The DDRAM content remains unchanged. The cursor or blink position
goes to the left of the first display line. Bit I_D and bit S of the Entry_mode_set instruction
remain unchanged. If no other command follows, this command must be terminated with
the Register_update command.
Table 18.
Clear_display - clear display bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 0
-
00000000
clear display
Table 19.
Return_home - return home bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 0
-
00000001
return home



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com