Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 53Page - NXP Semiconductors PCF2113EU Datasheet HTML 54Page - NXP Semiconductors PCF2113EU Datasheet HTML 55Page - NXP Semiconductors PCF2113EU Datasheet HTML 56Page - NXP Semiconductors PCF2113EU Datasheet HTML 57Page - NXP Semiconductors PCF2113EU Datasheet HTML 58Page - NXP Semiconductors PCF2113EU Datasheet HTML 59Page - NXP Semiconductors PCF2113EU Datasheet HTML 60Page - NXP Semiconductors PCF2113EU Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
57 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.5.4.1
CGRAM addressing
For addressing, the CGRAM the following steps have to be taken (see Figure 31):
• Select the column of the CGRAM (SMB[2:0]) with the Sel_mem_bank command (see
Section 8.1.1.9)
• Set the requested address counter (ADD[6:0]) with the Set_mem_addr command
(see Section 8.1.1.10)
• Write data to the CGRAM with the Write_data command (WD[4:0]) (see
Section 8.1.1.12)
• Read the data from the CGRAM with the Read_data command (RD[4:0]) (see
Section 8.1.1.11)
8.5.4.2
User-defined characters and symbols
User-defined characters can be stored in the CGRAM. The content of the CGRAM is lost
during power-down, therefore the CGRAM has to be rewritten after every power-on.
Below some source code is printed, which shows how a user-defined character can be
coded - in this case the euro currency sign. The display used is a 2 lines by 20 characters
display and the interface is the I2C-bus:
// Write a user-defined character into the CGRAM
startI2C();
// PCA2117 slave address for write, SA0 is connected to VDD
SendI2CAddress(0x76);
// MSB (Continuation bit CO) = 0, no more control bytes will follow, RS[1:0]= 10
// next byte is command byte on register page "10"
i2c_write(0x40);
// 2 lines x 20 chars, 1/18 duty. Next byte will be another command.
i2c_write(0x32);
// Repeated Start condition
startI2C();
SendI2CAddress(0x76);
// MSB (Continuation bit CO) = 0, no more control bytes will follow, RS[1:0]= 00
// next bytes are command bytes on register page "00"
i2c_write(0x00);
// Select Memory Bank 1: Column 0 of CGRAM
Fig 37. User-defined euro currency sign



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com