Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 56Page - NXP Semiconductors PCF2113EU Datasheet HTML 57Page - NXP Semiconductors PCF2113EU Datasheet HTML 58Page - NXP Semiconductors PCF2113EU Datasheet HTML 59Page - NXP Semiconductors PCF2113EU Datasheet HTML 60Page - NXP Semiconductors PCF2113EU Datasheet HTML 61Page - NXP Semiconductors PCF2113EU Datasheet HTML 62Page - NXP Semiconductors PCF2113EU Datasheet HTML 63Page - NXP Semiconductors PCF2113EU Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
60 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.5.6 DDRAM
The Display Data RAM (DDRAM) stores up to 80 characters of display data represented
by 8-bit character codes. RAM locations which are not used for storing display data can
be used as general-purpose RAM.
The basic RAM to display addressing scheme is shown in Figure 39 to Figure 41. With no
display shift, the characters represented by the codes in the first 40 RAM locations
starting at address 00h are displayed in line 1.
Fig 38. Icon to row/column mapping
Table 38.
Icon to ICON-RAM mapping table
ICON-RAM
address
blink
phase
ICON-RAM bits
7
6
5
4
3
2
1
0
00heven
---icon 0
icon 1
icon 2
icon 3
icon 4
01heven
---icon 5
icon 6
icon 7
icon 8
icon 9
02heven
---icon 10
icon 11
icon 12
icon 13
icon 14
03heven
---icon 15
icon 16
icon 17
icon 18
icon 19
:
:
::::::::
26heven
---icon 190
icon 191
icon 192
icon 193
icon 194
27heven
---icon 195
icon 196
icon 197
icon 198
icon 199
28hodd
---icon 0
icon 1
icon 2
icon 3
icon 4
29hodd
---icon 5
icon 6
icon 7
icon 8
icon 9
:
:
::::::::
4Ch
odd
---icon 180
icon 181
icon 182
icon 183
icon 184
4Dh
odd
---icon 185
icon 186
icon 187
icon 188
icon 189
4Eh
odd
---icon 190
icon 191
icon 192
icon 193
icon 194
4Fh
odd
---icon 195
icon 196
icon 197
icon 198
icon 199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com