Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 7Page - NXP Semiconductors PCF2113EU Datasheet HTML 8Page - NXP Semiconductors PCF2113EU Datasheet HTML 9Page - NXP Semiconductors PCF2113EU Datasheet HTML 10Page - NXP Semiconductors PCF2113EU Datasheet HTML 11Page - NXP Semiconductors PCF2113EU Datasheet HTML 12Page - NXP Semiconductors PCF2113EU Datasheet HTML 13Page - NXP Semiconductors PCF2113EU Datasheet HTML 14Page - NXP Semiconductors PCF2113EU Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
11 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.1.6
Command: Read_reg_select
The Read_reg_select command allows choosing to read out the temperature or the status
registers (Checksum to Status_Register_9) of the device (see Table 12).
[1]
Default value.
[2]
Only valid for RAM. See .Section 8.5.2 “Checksum”
8.1.1.7
Command: Read_status_reg
With the Read_status_reg command the temperature, checksum, and the status registers
can be read out. The behavior of the Read_status_reg command is controlled by the SO
bit of the Read_reg_select command (see Table 11).
Table 11.
Read_reg_select - select registers for readout command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 2
-
000001
fixed value
1XC
checksum mode setting
0[1]
XOR checksum
1
CRC-8 checksum
0SO
readout select
0[1]
temperature
1
status registers
Table 12.
Read_status_reg - readout register command bit description
Bit
Symbol
Value
Description
-R/W
1
fixed value
-
RS[1:0]
00
fixed value
Temperature readout if SO = 0 (see Table 11)
7 to 0
TD[7:0]
00000000 to
11111111[1]
temperature readout
Status readout if SO = 1 (see Table 11)
Checksum
7 to 0
CS[7:0]
00000000[1] to
11111111
checksum result from RAM writing with
checksum mode set by bit XC (see Table 11)
Status_Register_1
7, 6
-
00
fixed value
5, 4
RR[1:0]
see Table 13
CGRAM and CGROM select status
3
I_D
see Table 20
address stepping select status
2S
display shift select status
1
M
see Table 21
display lines setting status
0SL
multiplex drive mode setting status
Status_Register_2
7 to 5
INV[2:0]
see Table 22
inversion mode setting status
4 to 0
FF[4:0]
see Table 24
frame frequency setting status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com