Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 25Page - NXP Semiconductors PCF2113EU Datasheet HTML 26Page - NXP Semiconductors PCF2113EU Datasheet HTML 27Page - NXP Semiconductors PCF2113EU Datasheet HTML 28Page - NXP Semiconductors PCF2113EU Datasheet HTML 29Page - NXP Semiconductors PCF2113EU Datasheet HTML 30Page - NXP Semiconductors PCF2113EU Datasheet HTML 31Page - NXP Semiconductors PCF2113EU Datasheet HTML 32Page - NXP Semiconductors PCF2113EU Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
29 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.2.2 Reset pin function
The reset pin (RST) of the PCA2117 resets all the registers to their default state. The reset
state is given in Table 34. The RAM contents remain unchanged. After the reset signal is
released, the Initialize command must be sent to complete the initialization of the chip.
8.2.3 Power-down pin function
When connected to VDD1, the internal circuits are switched off, leaving only 2 A (typical)
as an overall current consumption. When connected to VSS1, the PCA2117 runs or starts
up to normal mode again. For the start-up and power-down sequences, see Section 8.2.4
and Section 8.2.5.
8.2.4 Recommended start-up sequences
This section describes how to proceed with the initialization of the chip in different
application modes.
When using the internal VLCD generation, the display must not be enabled before the
generation of VLCD with the internal charge pump is completed. Otherwise unwanted
display artifacts may appear on the display.
(1) The QPR flag (see Table 12) indicates if the programmed LCD voltage value was reached. The
latency time depends on the external capacitor on the VLCD pins. For a capacitor of 100 nF a delay
of 50 ms to 60 ms is expected.
Fig 6.
Recommended start-up sequence when using the internal charge pump and the
internal clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com