Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 87 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 83Page - NXP Semiconductors PCF2113EU Datasheet HTML 84Page - NXP Semiconductors PCF2113EU Datasheet HTML 85Page - NXP Semiconductors PCF2113EU Datasheet HTML 86Page - NXP Semiconductors PCF2113EU Datasheet HTML 87Page - NXP Semiconductors PCF2113EU Datasheet HTML 88Page - NXP Semiconductors PCF2113EU Datasheet HTML 89Page - NXP Semiconductors PCF2113EU Datasheet HTML 90Page - NXP Semiconductors PCF2113EU Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
87 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
14.3 SPI-bus timing characteristics
[1]
No load value; bus is held up by bus capacitance; use RC time constant with application values.
Table 53.
SPI-bus characteristics
VDD1, VDD2 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 16.0 V; Tamb = 40 C to +105 C; unless otherwise specified. All
timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and VIH with an input
voltage swing of VSS1 to VDD1 (see Figure 60).
Symbol
Parameter
Conditions
Min
Max
Unit
Pin SCL
fclk(SCL)
SCL clock frequency
-
3.0
MHz
tSCL
SCL time
333
-
ns
tclk(H)
clock HIGH time
100
-
ns
tclk(L)
clock LOW time
150
-
ns
tr
rise time
for SCL signal
-
100
ns
tf
fall time
for SCL signal
-
100
ns
Pin CE
tsu(CE_N)
CE_N set-up time
30
-
ns
th(CE_N)
CE_N hold time
30
-
ns
trec(CE_N)
CE_N recovery time
30
-
ns
Pin SDI
tsu
set-up time
set-up time for SDI data
30
-
ns
th
hold time
hold time for SDI data
30
-
ns
Pin SDO
td(R)SDO
SDO read delay time
CL = 100 pF
-
150
ns
tdis(SDO)
SDO disable time
[1]
-50
ns
tt(SDI-SDO)
transition time from
SDI to SDO
to avoid bus conflict
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com