Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 39Page - NXP Semiconductors PCF2113EU Datasheet HTML 40Page - NXP Semiconductors PCF2113EU Datasheet HTML 41Page - NXP Semiconductors PCF2113EU Datasheet HTML 42Page - NXP Semiconductors PCF2113EU Datasheet HTML 43Page - NXP Semiconductors PCF2113EU Datasheet HTML 44Page - NXP Semiconductors PCF2113EU Datasheet HTML 45Page - NXP Semiconductors PCF2113EU Datasheet HTML 46Page - NXP Semiconductors PCF2113EU Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
43 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
The temperature coefficients can be selected from a choice of eight different slopes. Each
one of theses coefficients is independently selected via the TC_slope command (see
Section 8.1.4.2 on page 26).
[1]
The relationship between the temperature coefficients TSA to TSD and the slope factor is derived from
Equation 5. where LSB of VLCDx[8:0]
 30 mV.
[2]
Default value.
(5)
The value of the temperature compensated factor VT[8:0] is calculated according to
Table 36.
Fig 25. Example of segmented temperature coefficients
Table 35.
Temperature coefficients
TSA[2:0] to TSD[2:0] value
Slope factor (mV/
C)
Temperature factor
TSA to TSD[1]
000[2]
00.000
001
6
0.125
010
12
0.250
011
24
0.500
100
60
1.250
101
+6
+0.125
110
+12
+0.250
111
+24
+0.500
TSn
0.6275
C

30 (mV)
----------------------------
slope factor (mV/
C 
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com