Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 20Page - NXP Semiconductors PCF2113EU Datasheet HTML 21Page - NXP Semiconductors PCF2113EU Datasheet HTML 22Page - NXP Semiconductors PCF2113EU Datasheet HTML 23Page - NXP Semiconductors PCF2113EU Datasheet HTML 24Page - NXP Semiconductors PCF2113EU Datasheet HTML 25Page - NXP Semiconductors PCF2113EU Datasheet HTML 26Page - NXP Semiconductors PCF2113EU Datasheet HTML 27Page - NXP Semiconductors PCF2113EU Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
24 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
Default value.
Bit IM: When bit IM = 0, the chip is in character mode. In the character mode, both,
characters and icons are driven (multiplex drive mode 1:18 or 1:9). The VLCD generator, if
used, produces the LCD supply voltage (pin VLCDOUT) programmed with the
Set_VLCD_A command.
When bit IM = 1, the chip is in icon mode. In the icon mode only the icons are driven
(multiplex drive mode 1:2). The VLCD generator, if used, produces the LCD supply voltage
(pin VLCDOUT) programmed with the Set_VLCD_B command.
Bit IB: The icon blink control is independent of the cursor/character blink function.
When bit IB = 0, the icon blink is disabled. In this case, the even phase of icon data is
used which is stored in the ICON-RAM 00h to 27h.
When bit IB = 1, the icon blink is enabled. In this case, each icon is controlled by 2 bits.
The blinking consists of two half phases (corresponding to the cursor on and off phases,
called even and odd phases in the following). The Icon states for the even phase are
stored in the ICON-RAM 00h to 27h. These bits also define the icon state when icon
blinking is not used. The Icon states for the odd phase are stored in the ICON-RAM 28h to
4Fh.
8.1.3 Charge pump and LCD bias control commands
8.1.3.1
Command: Charge_pump_ctrl
The Charge_pump_ctrl command enables or disables the internal VLCD generation and
controls the charge pump voltage multiplier setting.
0IB
icon blink setting
0[1]
icon blink disabled
1
icon blink enabled
Table 29.
Icon_config - icon display configuration bit description …continued
See Table 38 for the ICON-RAM to ICON mapping.
Bit
Symbol
Value
Description
Table 30.
Charge_pump_ctrl - charge pump control command bit description
Bit
Symbol
Binary value
Description
-R/W
0
fixed value
-
RS[1:0]
11
fixed value
7 to 3
-
10000
fixed value
2CPE
charge pump setting
0[1]
charge pump disabled;
no internal VLCD generation;
external supply of VLCD
1
charge pump enabled
1 to 0
CPC[1:0]
charge pump voltage multiplier setting
00[1]
VLCD = 2  VDD2
01
VLCD = 3  VDD2
10
VLCD = 4  VDD2
11
VLCD = VDD2 (direct mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com