Electronic Components Datasheet Search
  English  ▼

X  

PCF2113EU Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2113EU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 14Page - NXP Semiconductors PCF2113EU Datasheet HTML 15Page - NXP Semiconductors PCF2113EU Datasheet HTML 16Page - NXP Semiconductors PCF2113EU Datasheet HTML 17Page - NXP Semiconductors PCF2113EU Datasheet HTML 18Page - NXP Semiconductors PCF2113EU Datasheet HTML 19Page - NXP Semiconductors PCF2113EU Datasheet HTML 20Page - NXP Semiconductors PCF2113EU Datasheet HTML 21Page - NXP Semiconductors PCF2113EU Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
18 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.2.4
Command: Function_set
The Function_set command allows setting the display lines and the multiplex drive mode.
[1]
Default value.
8.1.2.5
Command: Inversion_mode
The Inversion_mode command allows changing the drive scheme inversion mode.
The waveforms used to drive an LCD (see Figure 27 to Figure 29) inherently produce a
DC voltage across the display cell. The PCA2117 compensates for the DC voltage by
inverting the waveforms on alternate frames or alternate lines. The choice of the
compensation method is determined with INV[2:0] in Table 22.
[1]
Default value.
Line inversion mode (driving scheme A): In line inversion mode, the DC value is
compensated every nth line. Changing the inversion mode to line inversion mode reduces
the possibility for flickering but increases the power consumption.
Table 21.
Function_set - function set bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 2
-
001100
fixed value
1M
display lines setting
0[1]
1 line
 40 characters
1
2 line
 20 characters
0SL
multiplex drive mode setting
0[1]
1:18 multiplex drive mode, 1
 40 character or
2
 20 character display
1
1:9 multiplex drive mode, 1
 20 character
display
Table 22.
Inversion_mode - inversion mode command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 3
-
01000
fixed value
2 to 0
INV[2:0]
inversion mode setting
000[1]
frame inversion mode
001
1-line inversion mode
010
2-line inversion mode
011
3-line inversion mode
100
4-line inversion mode
101
5-line inversion mode
110
6-line inversion mode
111
7-line inversion mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com