Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 2Page - Analog Devices ADN4621 Datasheet HTML 3Page - Analog Devices ADN4621 Datasheet HTML 4Page - Analog Devices ADN4621 Datasheet HTML 5Page - Analog Devices ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
ADN4620/ADN4621
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 24
Table 6. RS-20 Shrink Small Outline Package [SSOP]
Regulatory Agency
Standard Certification/Approval
File
Single protection, 3750 V rms isolation voltage
CSA (Pending)2
To be approved under CSA Component Acceptance Notice 5A
205078
CSA 62368-1-19, EN 62368-1:2020 and IEC 62368-1:2018 third edition
Basic insulation at 530 V rms
Reinforced insulation at 265 V rms
CSA 61010-1-12+A1 and IEC 61010-1 third edition
Basic insulation at 300 V rms
Reinforced insulation at 150 V rms
CSA 60601-1:14 and IEC60601-1 third edition+A1
VDE (Pending)
To be certified according to DIN V VDE V 0884-11 (VDE V 0884-11):2017-013
2471900-4880-0001
Reinforced insulation, VIORM = 1500 VPEAK, VIOSM = 6000 VPEAK
CQC (Pending)
To be certified according to GB4943.1-2011 per CQC11-471543-2015
Pending
1 In accordance with UL 1577, each ADN4620/ADN4621 is proof tested by applying an insulation test voltage ≥4500 V rms for 1 sec.
2 Working voltages are quoted for Pollution Degree 2, Material Group III. ADN4620/ADN4621 case material has been evaluated by CSA as Material Group I.
3 In accordance with DIN V VDE V 0884-11, each ADN4620/ADN4621 is proof tested by applying an insulation test voltage ≥2813 VPEAK for 1 sec (partial discharge
detection limit = 5 pC).
DIN V VDE V 0884-11 (VDE V 0884-11) INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Protective circuits ensure the maintenance of the safety
data.
Table 7. RS-20 Shrink Small Outline Package [SSOP]
Description
Test Conditions/Comments1
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to III
For Rated Mains Voltage ≤ 1000 V rms
I to II
Climatic Classification
40/125/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
1500
VPEAK
Input to Output Test Voltage, Method B1
VIORM × 1.875 = VPD (M), 100% production test, tINI = tM = 1
sec, partial discharge < 5 pC
VPD (M)
2813
VPEAK
Input to Output Test Voltage, Method A
VPD (M)
After Environmental Tests Subgroup 1
VIORM × 1.5 = VPD (M), tINI = 60 sec, tM = 10 sec, partial
discharge < 5 pC
2250
VPEAK
After Input or Safety Test Subgroup 2 and Subgroup 3 VIORM × 1.2 = VPD (M), tINI = 60 sec, tM = 10 sec, partial
discharge < 5 pC
1800
VPEAK
Highest Allowable Overvoltage
VIOTM
6000
VPEAK
Surge Isolation Voltage, Reinforced
VPEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
6250
VPEAK
Safety Limiting Values
Maximum value allowed in the event of a failure (see Figure 3)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
ADN4620
1.89
W
ADN4621
1.96
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
1 For information about tM, tINI, and VIO, see DIN V VDE V 0884-11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com