Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 20 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 16Page - Analog Devices ADN4621 Datasheet HTML 17Page - Analog Devices ADN4621 Datasheet HTML 18Page - Analog Devices ADN4621 Datasheet HTML 19Page - Analog Devices ADN4621 Datasheet HTML 20Page - Analog Devices ADN4621 Datasheet HTML 21Page - Analog Devices ADN4621 Datasheet HTML 22Page - Analog Devices ADN4621 Datasheet HTML 23Page - Analog Devices ADN4621 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADN4620/ADN4621
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 24
PCB LAYOUT
The ADN4620/ADN4621 can operate with high speed LVDS signals
up to a 1.25 GHz clock, or a 2.5 Gbps nonreturn to zero (NRZ) da-
ta. When operating with such high frequencies, apply best practices
for the LVDS trace layout and termination. Place 100 Ω termination
resistors as close as possible to the receivers, across the DINx+ pins
and DINx− pins.
Controlled impedance traces (100 Ω differential) are needed on
LVDS signal lines for full signal integrity, reduced system jitter,
and for minimizing electromagnetic interference (EMI) from the
PCB. Trace widths, lateral distance within each pair of traces, and
distance to the ground plane underneath all trace pairs must be
chosen appropriately. Via fencing to the PCB ground between pairs
is also a best practice to minimize crosstalk between adjacent pairs.
The ADN4620/ADN4621 have passed EN 55032 Class B emis-
sions limits when operating with up to 2.5 Gbps PRBS data, using a
high speed PCB design with an embedded PCB stitching capacitor
(constructed by overlapping internal PCB Layer 2 and Layer 3
under the area of the isolator). Depending on the system design,
or when isolating for high speed clocks, other EMC mitigation
measures may be required to provide a sufficient margin below
Class B emissions limits.
The best practice for high speed PCB design can minimize emis-
sions from traces with high speed LVDS signals. However, trace
lengths can be modified to avoid resonances at specific frequencies
when the traces act as an antenna for switching noise. Special
care is recommended for off-board connections, where switching
transients from high speed LVDS signals (and clocks in particular)
may conduct onto cabling, resulting in radiated emissions. Use
common-mode chokes, ferrites, or other filters as appropriate at
LVDS connectors and power supplies, as well as cable shield or
PCB ground connections to earth or chassis.
The ADN4620/ADN4621 require appropriate decoupling of the VDDx
pins with 100 nF capacitors. Power supplies must also have appro-
priate filtering to avoid possible radiated emissions due to high
frequency switching noise.
APPLICATION EXAMPLES
High speed LVDS interfaces for the analog front-end (AFE), pro-
cessor to processor serial communication, or video and imaging
data can be isolated using the ADN4620/ADN4621 between com-
ponents, between PCBs, or at a cable interface.
The ADN4620/ADN4621 provide the galvanic isolation required for
robust external ports, and the low jitter and high drive strength
of the devices allow communication along short cable runs of a
few meters. High common-mode immunity ensures communication
integrity even in harsh, noisy environments, and isolation can pro-
tect against electromagnetic compatibility (EMC) transients up to
±7 kVPEAK for ESD, and ±6.25 kVPEAK for surge.
Standard LVDS inputs and outputs allow simple integration into
high speed signal chains using field-programmable gate arrays
(FPGAs) or application specific integrated circuits (ASICs), redriv-
ers, or coupling networks to interface to CML and other physical
layers.
Isolated AFE applications provide an example of the ADN4620/
ADN4621 isolating an LVDS interface between components. As
shown in Figure 35, two ADN4621 components isolate the LVDS
interface of the ADAQ23876 μmodule data acquisition solution,
including 800 Mbps data, 400 MHz echoed clock, and a 15 MHz
sample clock. The ADN4621 additive phase jitter is sufficiently
low that it does not affect the analog-to-digital converter (ADC)
performance even when isolating the sample clock. In addition,
implementing the galvanic isolation improves ADC performance
by removing digital and power supply noise from the FPGA/ASIC
circuit.
PCB to PCB connections and even cable interfaces can leverage
LVDS signaling for high bandwidth links with low latency synchro-
nous data transfer. Serialized gigabit Ethernet connections can be
isolated to robustly cascade Ethernet or multiprotocol switches for
industrial controller communication modules, as shown in Figure
36. The ADN4621 isolates the 1.25 Gbps transmit and receive
signal for two ports at each node to create a daisy chain topology.
The propagation delay of just over a couple of nanoseconds pro-
vides the low latency needed for industrial automation and process
control.
Figure 35. Isolated Analog Front-End Implementation Example (Isolated ADAQ23876 Using the ADN4621)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com