Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices ADN4621 Datasheet HTML 14Page - Analog Devices ADN4621 Datasheet HTML 15Page - Analog Devices ADN4621 Datasheet HTML 16Page - Analog Devices ADN4621 Datasheet HTML 17Page - Analog Devices ADN4621 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
ADN4620/ADN4621
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 14 of 24
Figure 12. Differential Output Voltage, |VOD| vs. Supply Voltage, VDD1 and
VDD2
Figure 13. Differential Output Voltage, |VOD| vs. Ambient Temperature
Figure 14. Differential Output Voltage, |VOD| vs. Input Clock Frequency
Figure 15. Differential Output Voltage, |VOD| vs. Output Load, RL (DC Input)
Figure 16. Propagation Delay vs. Supply Voltage, VDD1 and VDD2
Figure 17. Propagation Delay vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com