Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 23 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 16Page - Analog Devices ADN4621 Datasheet HTML 17Page - Analog Devices ADN4621 Datasheet HTML 18Page - Analog Devices ADN4621 Datasheet HTML 19Page - Analog Devices ADN4621 Datasheet HTML 20Page - Analog Devices ADN4621 Datasheet HTML 21Page - Analog Devices ADN4621 Datasheet HTML 22Page - Analog Devices ADN4621 Datasheet HTML 23Page - Analog Devices ADN4621 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADN4620/ADN4621
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 24
Calculation and Use of Parameters Example
The following example frequently arises in power conversion appli-
cations. Assume that the line voltage on one side of the isolation
is 240 V ac rms and a 400 V dc bus voltage is present on the
other side of the isolation barrier. The isolator material is polyimide.
To establish the critical voltages in determining the creepage, clear-
ance, and lifetime of a device, see Figure 39 and the following
equations.
The working voltage across the barrier from Equation 1 is
VRMS = VACRMS2+VDC2
(2)
VRMS= 2402+4002
(3)
VRMS = 466 V
This VRMS value is the working voltage used together with the
material group and pollution degree when looking up the creepage
required by a system standard.
To determine if the lifetime is adequate, obtain the time varying
portion of the working voltage. To obtain the ac rms voltage, use
Equation 2.
VACRMS= VRMS2−VDC2
(4)
VACRMS = 4662−4002
(5)
VAC RMS = 240 V rms
In this case, the ac rms voltage is simply the line voltage of
240 V rms. This calculation is more relevant when the waveform
is not sinusoidal. Table 11 compares the value to the limits for the
working voltage for the expected lifetime. Note that the dc working
voltage limit in Table 11 is set by the creepage of the package as
specified in IEC 60664-1. This value can differ for specific system
level standards.
Figure 39. Critical Voltage Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com