Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices ADN4621 Datasheet HTML 14Page - Analog Devices ADN4621 Datasheet HTML 15Page - Analog Devices ADN4621 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
ADN4620/ADN4621
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 12 of 24
Figure 5. ADN4621 Pin Configuration
Table 14. ADN4621 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10
VDD1
1.8 V Power Supply for Side 1. Connect both pins externally and bypass to the adjacent GND1 pins with 0.1 μF capacitors.
2, 9
GND1
Ground, Side 1.
3
VIO1
3.3 V Input/Output Power Supply for Side 1. Bypass to the adjacent GND1 pin with a 0.1 μF capacitor.
4
DIN1+
Noninverted Differential Input 1.
5
DIN1−
Inverted Differential Input 1.
6
DOUT2+
Noninverted Differential Output 2.
7
DOUT2−
Inverted Differential Output 2.
8
REFRESH1
Active Low Enable for Side 1 Refresh Function. Short to the same PCB ground as GND1 for normal operation with refresh enabled, or short
to the power supply for VDD1 for lower power, lower jitter, and quieter operation with refresh disabled.
11, 20
VDD2
1.8 V Power Supply for Side 2. Connect both pins externally and bypass to the adjacent GND2 pins with 0.1 μF capacitors.
12, 19
GND2
Ground, Side 2.
13
VIO2
3.3 V Input/Output Power Supply for Side 2. Bypass to the adjacent GND2 pin with a 0.1 μF capacitor.
14
DIN2−
Inverted Differential Input 2.
15
DIN2+
Noninverted Differential Input 2.
16
DOUT1−
Inverted Differential Output 1.
17
DOUT1+
Noninverted Differential Output 1.
18
REFRESH2
Active Low Enable for Side 2 Refresh Function. Short to the same PCB ground as GND2 for normal operation with refresh enabled, or short
to the power supply for VDD2 for lower power, lower jitter, and quieter operation with refresh disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com