Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 1 Page - Analog Devices

  ADN4621 Datasheet HTML 1Page - Analog Devices ADN4621 Datasheet HTML 2Page - Analog Devices ADN4621 Datasheet HTML 3Page - Analog Devices ADN4621 Datasheet HTML 4Page - Analog Devices ADN4621 Datasheet HTML 5Page - Analog Devices ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
ADN4620/ADN4621
3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
3.75 kV rms LVDS isolators
►
Complies with TIA/EIA-644-A LVDS signal levels
►
Dual-channel configuration (ADN4620: 2 + 0, ADN4621: 1 + 1)
►
Any data rate up to 2.5 Gbps switching with low jitter
►
5 Gbps total bandwidth across two channels
►
2.15 ns typical propagation delay
►
Typical jitter: 0.82 ps rms random, 40 ps total peak-to-peak
►
Lower power 1.8 V supplies with 3.3 V supplies for I/O
►
±7 kV IEC 61000-4-2 ESD protection across isolation barrier
►
High common-mode transient immunity: 70 kV/μs typical
►
Safety and regulatory approvals (20-lead SSOP package)
►
UL (pending): 3750 V rms for 1 minute per UL 1577
►
CSA Component Acceptance Notice 5A (pending)
►
VDE certificate of conformity, reinforced insulation (pending)
►
DIN V VDE V 0884-11 (VDE V 0884-11):2017-01
►
VIORM = 1500 VPEAK (maximum working insulation voltage)
►
Enable or disable refresh (low speed output correctness check)
►
Operating temperature range: −40°C to +125°C
►
Compact SSOP package with 5.3 mm creepage
APPLICATIONS
►
Analog front-end isolation
►
Data plane isolation
►
Isolated high speed clock and data links
►
Multigigabit serialization/deserialization (SERDES)
►
PCB-to-PCB optical replacement (for example, short reach fiber)
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADN4620 Two Forward Channels
Figure 2. ADN4621 One Forward and One Reverse Channel
GENERAL DESCRIPTION
The ADN4620/ADN46211 are dual-channel, signal isolated, low
voltage differential signaling (LVDS) buffers that operate at up to
2.5 Gbps with very low jitter. The devices integrate Analog Devices,
Inc., iCoupler® technology, enhanced for high speed operation
to provide drop-in galvanic isolation of LVDS signal chains. AC
coupling and/or level shifting to the LVDS receivers and from the
LVDS drivers allows isolation of other high speed signals, such as
current mode logic (CML).
The ADN4620/ADN4621 include a refresh mechanism to monitor
the input and output states and ensure that they remain the same
in the absence of data transitions (for example, at power-on). For
lower power consumption and high speed operation with low jitter,
the isolator circuits rely on 1.8 V supplies, while 3.3 V supplies are
used for LVDS receivers to support the full common-mode range
with an input voltage range (input common mode plus differential
input voltage) of 0 V to 2.4 V per Table 2.
The devices are fully specified over a wide industrial temperature
range and are available in a compact SSOP package with 5.3 mm
creepage (for reinforced insulation at ac mains voltages).
1 Protected by U.S. Patents 7,075,329; 9,941,565; and 10,205,442. Other patents are pending.


Similar Part No. - ADN4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4621 AD-ADN4621 Datasheet
2Mb / 28P
7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4621BRIZ AD-ADN4621BRIZ Datasheet
2Mb / 28P
7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4621BRIZ-RL AD-ADN4621BRIZ-RL Datasheet
2Mb / 28P
7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4621BRSZ AD-ADN4621BRSZ Datasheet
2Mb / 28P
7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4621BRSZ-RL AD-ADN4621BRSZ-RL Datasheet
2Mb / 28P
7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. A
More results

Similar Description - ADN4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
3.0 kV RMS, Single-Channel Digital Isolator
Rev. 0
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
4/2021-Revision 0
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
EVAL-ADN4620 AD-EVAL-ADN4620 Datasheet
1Mb / 9P
Evaluating the ADN4620/ADN4621 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolators
Rev. 0
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com