Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 22 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 16Page - Analog Devices ADN4621 Datasheet HTML 17Page - Analog Devices ADN4621 Datasheet HTML 18Page - Analog Devices ADN4621 Datasheet HTML 19Page - Analog Devices ADN4621 Datasheet HTML 20Page - Analog Devices ADN4621 Datasheet HTML 21Page - Analog Devices ADN4621 Datasheet HTML 22Page - Analog Devices ADN4621 Datasheet HTML 23Page - Analog Devices ADN4621 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Data Sheet
ADN4620/ADN4621
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 24
the applied magnetic field reduces the received pulse from >0.35 V
to 0.295 V. This voltage is still higher than the 0.11 V sensing
threshold of the decoder.
The preceding magnetic flux density values correspond to specific
current magnitudes at given distances from the ADN4620/ADN4621
transformers. Figure 38 expresses these allowable current mag-
nitudes as a function of frequency for selected distances. The
ADN4620/ADN4621 is insensitive to external fields. Only extremely
large, high frequency currents that are close to the component can
potentially be a concern. For the 1 MHz example noted, a 2.64 kA
current must be placed 5 mm from the ADN4620/ADN4621 to affect
component operation.
Figure 38. Maximum Allowable Current for Various Current to ADN4620/
ADN4621 Spacings
In combinations of strong magnetic field and high frequency, any
loops formed by PCB traces can induce sufficiently large error
voltages to trigger the thresholds of succeeding circuitry. Avoid PCB
structures that form loops.
INSULATION LIFETIME
All insulation structures eventually break down when subjected to
voltage stress over a sufficiently long period. The rate of insulation
degradation is dependent on the characteristics of the voltage
waveform applied across the insulation as well as on the materials
and material interfaces.
The two types of insulation degradation of primary interest are
breakdown along surfaces exposed to the air and insulation wear
out. Surface breakdown is the phenomenon of surface tracking
and the primary determinant of surface creepage requirements in
system level standards. Insulation wear out is the phenomenon
where charge injection or displacement currents inside the insula-
tion material cause long-term insulation degradation.
Surface Tracking
Surface tracking is addressed in electrical safety standards by
setting a minimum surface creepage based on the working voltage,
the environmental conditions, and the properties of the insulation
material. Safety agencies perform characterization testing on the
surface insulation of components, which allows the components to
be categorized in different material groups. Lower material group
ratings are more resistant to surface tracking and, therefore, can
provide adequate lifetime with smaller creepage. The minimum
creepage for a given working voltage and material group is in each
system level standard and is based on the total rms voltage across
the isolation barrier, pollution degree, and material group. The
material group and creepage for ADN4620/ADN4621 are detailed in
Table 4.
Insulation Wear Out
The lifetime of insulation caused by wear out is determined by
the thickness of the insulation, material properties, and the voltage
stress applied. It is important to verify that the product lifetime is
adequate at the application working voltage. The working voltage
supported by an isolator for wear out may not be the same as
the working voltage supported for tracking. The working voltage
applicable to tracking is specified in most standards.
Testing and modeling show that the primary driver of long-term deg-
radation is displacement current in the polyimide insulation causing
incremental damage. The stress on the insulation can be broken
down into broad categories, such as dc stress, which causes little
wear out because there is no displacement current, and an ac
component time varying voltage stress, which causes wear out.
The ratings in certification documents are usually based on 60 Hz
sinusoidal stress because this type of waveform reflects isolation
from line voltage. However, many practical applications have com-
binations of 60 Hz ac and dc across the isolation barrier, as shown
in Equation 1. Because only the ac portion of the stress causes
wear out, the equation can be rearranged to solve for the ac rms
voltage, as shown in Equation 2. For insulation wear out with
the polyimide materials used in this product, the ac rms voltage
determines the product lifetime.
VRMS = VACRMS2+VDC2(1)
or
VACRMS= VRMS2−VDC2(2)
where:
VRMS is the total rms working voltage.
VAC RMS is the time varying portion of the working voltage.
VDC is the dc offset of the working voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com