Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices ADN4621 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADN4620/ADN4621
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 10 of 24
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
International electrotechnical commission (IEC) electromagnetic
compatibility: Part 4-2 (IEC) per IEC 61000-4-2.
ESD Ratings for ADN4620/ADN4621
Table 12. ADN4620/ADN4621, 20-Lead SSOP
ESD Model
Withstand Threshold (V)
Class
HBM1
±3000
2
IEC2
±7000 (contact discharge)
Level 3
1 All pins to respective GNDx pins, 1.5 kΩ, 100 pF.
2 LVDS pins to isolated GNDx pins across isolation barrier.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com