Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 5Page - Analog Devices ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADN4620/ADN4621
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 24
Table 9.
Parameter
Rating
VDD1 to GND1, VDD2 to GND2
−0.3 V to +2 V
VIO1 to GND1, VIO2 to GND2
−0.3 V to +4 V
Input Voltage REFRESH1 to GND1, REFRESH2
to GND2
−0.3 V to +2 V
Input Voltage (DINx+ pin, DINx− pin) to GNDx on
the Same Side
−0.3 V to +4 V
Output Voltage (DOUTx+ pin, DOUTx− pin) to
GNDx on the Same Side
−0.3 V to +2 V
Short-Circuit Duration (DOUTx+ pin, DOUTx− pin)
to GNDx on the Same Side
Continuous
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ Maximum)
150°C
Power Dissipation
(TJ maximum − TA)/θJA
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operation environment. Close attention to PCB
thermal design is required.
θJA is the natural convection, junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. ΨJT is the junction
to top thermal characterization parameter.
Table 10. Thermal Resistance
Package Type1
θJA
ΨJT
Unit
RS-20 (ADN4620)
66.1
5.2
°C/W
RS-20 (ADN4621)
63.8
3
°C/W
1 Test Condition 1: thermal impedance simulated with 4-layer standard JEDEC
PCB.
Table 11. Maximum Continuous Working Voltage1, RS-20 Shrink Small Outline Package [SSOP]
Parameter
Rating
Constraint
AC Voltage
Bipolar Waveform
Basic Insulation
1182 V rms
Basic insulation rating per IEC60747-17. Accumulative failure rate over lifetime (FROL) ≤
1000 ppm at 20 years.
1057 V rms
Rating limited by package creepage per IEC 60664-1.
Reinforced Insulation
1060 V rms
Reinforced insulation rating per IEC60747-17. Accumulative FROL ≤ 1 ppm at 26 years.
527 V rms
Rating limited by package creepage per IEC 60664-1.
Unipolar Waveform
Basic Insulation
1726 VPEAK
Rating limited by package creepage per IEC 60664-1.
Reinforced Insulation
860 VPEAK
Rating limited by package creepage per IEC 60664-1.
DC Voltage
Basic Insulation
1057 V dc
Rating limited by package creepage per IEC 60664-1.
Reinforced Insulation
527 V dc
Rating limited by package creepage per IEC 60664-1.
1 Maximum continuous working voltage refers to the continuous voltage magnitude imposed across the isolation barrier in a Pollution Degree 2 environment. See the
Insulation Lifetime section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com