Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 28Page - Texas Instruments AFE7900IALK Datasheet HTML 29Page - Texas Instruments AFE7900IALK Datasheet HTML 30Page - Texas Instruments AFE7900IALK Datasheet HTML 31Page - Texas Instruments AFE7900IALK Datasheet HTML 32Page - Texas Instruments AFE7900IALK Datasheet HTML 33Page - Texas Instruments AFE7900IALK Datasheet HTML 34Page - Texas Instruments AFE7900IALK Datasheet HTML 35Page - Texas Instruments AFE7900IALK Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
6.12 Typical Characteristics
6.12.1 RX Typical Characteristics 30 MHz and 400 MHz
Typical values at TA = +25°C. Default conditions at 30MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 62.5
MSPS (decimate by 24x), PLL clock mode with fREF = 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB. Default conditions at
400 MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 125 MSPS (decimate by 12x), PLL clock mode with fREF
= 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB.
Input Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
DSA = 0dB
DSA = 4dB
DSA = 8dB
DSA = 12dB
DSA = 16dB
DSA = 20dB
DSA = 24dB
Normalized to 30 MHz
Figure 6-1. RX In-Band Gain Flatness, fIN = 30 MHz
DSA Setting (dB)
0
4
8
12
16
20
24
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Temp = -40C
Temp = 25C
Temp = 110C
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-2. RX Uncalibrated Differential Amplitude Error vs DSA
Setting at 30 MHz
DSA Setting (dB)
0
4
8
12
16
20
24
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
Temp = -40C
Temp = 25C
Temp = 110C
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-3. RX Calibrated Differential Amplitude Error vs DSA
Setting at 30 MHz
DSA Setting (dB)
0
4
8
12
16
20
24
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
Temp = -40C
Temp = 25C
Temp = 110C
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-4. RX Uncalibrated Integrated Amplitude Error vs DSA
Setting at 30 MHz
DSA Setting (dB)
0
4
8
12
16
20
24
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Temp = -40C
Temp = 25C
Temp = 110C
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-5. RX Calibrated Integrated Amplitude Error vs DSA
Setting at 30 MHz
DSA Setting (dB)
0
4
8
12
16
20
24
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Temp = -40C
Temp = 25C
Temp = 110C
Differential Phase Error = PhaseIN(DSA Setting – 1) –
PhaseIN(DSA Setting)
Figure 6-6. RX Uncalibrated Differential Phase Error vs DSA
Setting at 30 MHz
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com