Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 86 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 82Page - Texas Instruments AFE7900IALK Datasheet HTML 83Page - Texas Instruments AFE7900IALK Datasheet HTML 84Page - Texas Instruments AFE7900IALK Datasheet HTML 85Page - Texas Instruments AFE7900IALK Datasheet HTML 86Page - Texas Instruments AFE7900IALK Datasheet HTML 87Page - Texas Instruments AFE7900IALK Datasheet HTML 88Page - Texas Instruments AFE7900IALK Datasheet HTML 89Page - Texas Instruments AFE7900IALK Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
6.12.8 TX Typical Characteristics at 800MHz (continued)
Typical values at TA = +25°C with nominal supplies. Unless otherwise noted, TX input data rate = 491.52MSPS, fDAC =
11796.48MSPS, interleave mode, AOUT = –1 dBFS, 1st Nyquist zone output, Internal PLL, fREF = 491.52MSPS, 24x
Interpolation, DSA = 0 dB, Sin(x)/x enabled, Dither = 1, DSA calibrated, TX Clock Dither Enabled
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
-40 qC
25 qC
105 qC
fDAC = 5898.24MSPS, interleave mode, matching at 0.8 GHz
Differential Gain Error = POUT(DSA Setting – 1) – POUT(DSA
Setting) + 1
Figure 6-285. TX Uncalibrated Differential Gain Error vs DSA
Setting and Temperature at 0.85 GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
-40 qC
25 qC
105 qC
fDAC = 5898.24MSPS, interleave mode, matching at 0.8 GHz
Differential Gain Error = POUT(DSA Setting – 1) – POUT(DSA
Setting) + 1
Figure 6-286. TX Calibrated Differential Gain Error vs DSA
Setting and Temperature at 0.85 GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-40 qC
25 qC
105 qC
fDAC = 5898.24MSPS, interleave mode, matching at 0.8 GHz
Integrated Gain Error = POUT(DSA Setting ) – POUT(DSA
Setting = 0) + DSA Setting
Figure 6-287. TX Uncalibrated Integrated Gain Error vs DSA
Setting and Temperature at 0.85 GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
-40 qC
25 qC
105 qC
fDAC = 5898.24MSPS, interleave mode, matching at 0.8 GHz
Integrated Gain Error = POUT(DSA Setting ) – POUT(DSA
Setting = 0) + DSA Setting
Figure 6-288. TX Calibrated Integrated Gain Error vs DSA
Setting and Temperature at 0.85 GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.02
-0.01
0
0.01
0.02
1TX
2TX
3TX
4TX
fDAC = 5898.24MSPS, interleave mode, matching at 0.8 GHz
Differential Phase Error = PhaseOUT(DSA Setting – 1) –
PhaseOUT(DSA Setting)
Figure 6-289. TX Uncalibrated Differential Phase Error vs DSA
Setting and Channel at 0.85 GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
1TX
2TX
3TX
4TX
fDAC = 5898.24MSPS, interleave mode, matching at 0.8 GHz
Differential Phase Error = PhaseOUT(DSA Setting – 1) –
PhaseOUT(DSA Setting)
Phase DNL spike may occur at any DSA setting.
Figure 6-290. TX Calibrated Differential Phase Error vs DSA
Setting and Channel at 0.85 GHz
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
www.ti.com
86
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com