Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 83 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 79Page - Texas Instruments AFE7900IALK Datasheet HTML 80Page - Texas Instruments AFE7900IALK Datasheet HTML 81Page - Texas Instruments AFE7900IALK Datasheet HTML 82Page - Texas Instruments AFE7900IALK Datasheet HTML 83Page - Texas Instruments AFE7900IALK Datasheet HTML 84Page - Texas Instruments AFE7900IALK Datasheet HTML 85Page - Texas Instruments AFE7900IALK Datasheet HTML 86Page - Texas Instruments AFE7900IALK Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
6.12.7 TX Typical Characteristics at 30MHz and 400MHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 125 MSPS, fDAC = 6000
MSPS (48x interpolation), interleave mode, 1st Nyquist zone output, PLL clock mode with fREF = 500 MHz. Additional default
conditions for all plots, AOUT = –1 dBFS, DSA = 0 dB, Sin(x)/x enabled, Dither = 1, DSA calibrated, TX Clock Dither Enabled
measured at 50 MHz offset
Figure 6-268. Noise Spectral Density vs DSA Setting at 400 MHz
Tone Spacing = 4 MHz
Figure 6-269. IMD3 vs Digital Amplitude at 400 MHz
Tone Spacing = 4 MHz
Figure 6-270. IMD3 vs DSA Setting at 400 MHz
Figure 6-271. HD2 vs Amplitude at 400 MHz
Figure 6-272. HD3 vs Amplitude at 400 MHz
www.ti.com
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com