Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 3Page - Texas Instruments AFE7900IALK Datasheet HTML 4Page - Texas Instruments AFE7900IALK Datasheet HTML 5Page - Texas Instruments AFE7900IALK Datasheet HTML 6Page - Texas Instruments AFE7900IALK Datasheet HTML 7Page - Texas Instruments AFE7900IALK Datasheet HTML 8Page - Texas Instruments AFE7900IALK Datasheet HTML 9Page - Texas Instruments AFE7900IALK Datasheet HTML 10Page - Texas Instruments AFE7900IALK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 157 page
background image
6.5 Transmitter Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS
below 6GHz and 750MSPS above 6GHz, fDAC = 11796.48MSPS below 6GHz and fDAC = 9000MSPS above 6GHz; PLL clock
mode below 6GHz output frequency and External clock mode above 6GHz output frequency; interleave mode for 1st Nyquist,
non-interleave mix mode for 2nd Nyquist, nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; TX clock dither
enabled, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMD3
3rd Order Intermodulation distortion
fDAC =6 GSPS, fout = 5MHz
±1MHz, -7dBFS each tone
-48
dBc
fDAC =6 GSPS, fout = 30MHz
±1MHz, -7dBFS each tone
-47
dBc
fDAC =6 GSPS, fout = 400MHz
±2MHz, -7dBFS each tone
-51
dBc
fout = 850MHz ±10MHz, -7dBFS each
tone
-61
dBc
fout = 1800MHz ±10MHz, -7dBFS
each tone
-62
dBc
fout = 2600MHz ±10MHz, -7dBFS
each tone
-64
dBc
fout = 3500MHz ±10MHz, -7dBFS
each tone
-63
dBc
fout = 4900MHz ±10MHz, -7dBFS
each tone
-64
dBc
fout = 5MHz ±1MHz, -13dBFS each
tone
-72
dBc
fDAC =6 GSPS, fout = 30MHz
±1MHz, -13dBFS each tone
-71
dBc
fDAC =6 GSPS, fout = 400MHz
±2MHz, -13dBFS each tone
-72
dBc
fout = 850MHz ±10MHz, -13dBFS
each tone
-73
dBc
fout = 1800MHz ±10MHz, -13dBFS
each tone
-75
dBc
fout = 2600MHz ±10MHz, -13dBFS
each tone
-79
dBc
fout = 3500MHz ±10MHz, -13dBFS
each tone
-77
dBc
fout = 4900MHz ±10MHz, -13dBFS
each tone
-77
dBc
SFDR
Spurious Free Dynamic Range (within
Nyquist zone)
fout = 30 MHz, fDAC = 6000 MSPS,
interleave mode, 20Gbps SerDes rate
45
dBc
fout = 400 MHz, fDAC = 6000 MSPS,
interleave mode, 20Gbps SerDes rate
48
dBc
fout = 850 MHz, fDAC = 11796.48 MSPS
62
dBc
fout = 1800 MHz, fDAC = 11796.48
MSPS
56
dBc
fout = 2600 MHz, fDAC = 11796.48
MSPS
39
dBc
fout = 3500 MHz, fDAC = 11796.48
MSPS
42
dBc
fout= 4900 MHz, fDAC = 11796.48
MSPS
60
dBc
www.ti.com
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com