Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 12Page - Texas Instruments AFE7900IALK Datasheet HTML 13Page - Texas Instruments AFE7900IALK Datasheet HTML 14Page - Texas Instruments AFE7900IALK Datasheet HTML 15Page - Texas Instruments AFE7900IALK Datasheet HTML 16Page - Texas Instruments AFE7900IALK Datasheet HTML 17Page - Texas Instruments AFE7900IALK Datasheet HTML 18Page - Texas Instruments AFE7900IALK Datasheet HTML 19Page - Texas Instruments AFE7900IALK Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
6.6 RF ADC Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; RX Output Rate = 491.52MSPS
below 6GHz input frequency and 1500MSPS above 6GHz input frequency, fADC = 2949.12MSPS below 6GHz and fADC =
3000MSPS above 6GHz; PLL clock mode with fREF = 491.52MHz below 6GHz input frequency and External clock mode with
fCLK = 11796.48MHz above 6GHz input frequency; nominal power supplies; DSA Setting =3dB; SerDes rate =24.33Gbps;
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSD
Noise Density (3)
(small signal = -30dBFS)
fIN = 5 MHz, DSA = 3dB, fADC =
1500MSPS, fNCO = 17MHz, Decimate
by 48
-147.1
dBFS/Hz
fIN = 30 MHz, DSA = 3dB, fADC =
1500MSPS, fNCO = 30MHz, Decimate
by 24
-150.7
dBFS/Hz
fIN = 410 MHz, DSA = 3dB, fADC
= 3000MSPS, fNCO = 400MHz,
Decimate by 24
-155.4
dBFS/Hz
fIN = 830 MHz, DSA = 3dB
-156.2
dBFS/Hz
fIN = 1760 MHz, DSA = 3dB
-156.0
dBFS/Hz
fIN = 2610 MHz, DSA = 3dB
-155.4
dBFS/Hz
fIN = 3610 MHz, DSA = 3dB
-155.1
dBFS/Hz
fIN = 4910 MHz, DSA = 3dB
-155.1
dBFS/Hz
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48,
3<=Atten<=22
-147.8
dBFS/Hz
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24,
3<=Atten<=22
-151.5
dBFS/Hz
fIN = 410 MHz, 3<=Atten<=22, fADC
= 3000MSPS, fNCO = 400MHz,
Decimate by 24
-156.6
dBFS/Hz
fIN = 830 MHz, 3<=Atten<=22
-156.0
dBFS/Hz
fIN = 1760 MHz, 3<=Atten<=25
-155.8
dBFS/Hz
fIN = 2610 MHz, 3<=Atten<=25
-155.7
dBFS/Hz
fIN = 3610 MHz, 3<=Atten<=25
-155.4
dBFS/Hz
fIN = 4910 MHz, 3<=Atten<=25
-155.8
dBFS/Hz
NFmin
Noise Figure min
DSA Atten=0 - 3dB
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
29.4
dB
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24
24.5
dB
fIN = 410 MHz, fADC =
3000MSPS, fNCO = 400MHz,
Decimate by 24
19.3
dB
fIN = 830 MHz
19.1
dB
fIN = 1760 MHz
19.0
dB
fIN = 2610 MHz
20.9
dB
fIN = 3610 MHz
22.8
dB
fIN = 4910 MHz
22.4
dB
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com