Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 67 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 63Page - Texas Instruments AFE7900IALK Datasheet HTML 64Page - Texas Instruments AFE7900IALK Datasheet HTML 65Page - Texas Instruments AFE7900IALK Datasheet HTML 66Page - Texas Instruments AFE7900IALK Datasheet HTML 67Page - Texas Instruments AFE7900IALK Datasheet HTML 68Page - Texas Instruments AFE7900IALK Datasheet HTML 69Page - Texas Instruments AFE7900IALK Datasheet HTML 70Page - Texas Instruments AFE7900IALK Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
6.12.6 RX Typical Characteristics 4.9GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
DSA (dB)
0
2
4
6
8
10
12
14
16
-94
-92
-90
-88
-86
-84
-82
-80
-78
-76
-74
-72
-70
1RX
2RX
3RX
4RX
With 4.9 GHz matching, measured after HD2 trim, DDC
bypass mode (TI only mode for characterization)
Figure 6-191. RX HD2 vs DSA Setting and Channel at 4.9 GHz
DSA (dB)
3
6
9
12
15
18
-94
-91
-88
-85
-82
-79
-76
-73
-70
-40qC
25qC
110qC
With 4.9 GHz matching, measured after HD2 trim, DDC
bypass mode (TI only mode for characterization)
Figure 6-192. RX HD2 vs DSA and Temperature at 4.9 GHz
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
-1
-114
-111
-108
-105
-102
-99
-96
-93
-90
-87
-84
-81
-78
-75
-72
-40 qC
25 qC
110qC
With 4.9 GHz matching, measured after HD2 trim, DDC
bypass mode (TI only mode for characterization)
Figure 6-193. RX HD2 vs Input Level and Temperature at 4.9
GHz
DSA (dB)
3
5
7
9
11
13
15
17
19
-82
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
1RX
2RX
3RX
4RX
With 4.9 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-194. RX HD3 vs DSA Setting and Channel at 4.9 GHz
DSA (dB)
3
6
9
12
15
18
-80
-77
-74
-71
-68
-65
-62
-40qC
25qC
110qC
With 4.9 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-195. RX HD3 vs DSA Setting and Temperature at 4.9
GHz
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
-1
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
1RX
2RX
3RX
4RX
With 4.9 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-196. RX HD3 vs Input Level and Channel at 4.9 GHz
www.ti.com
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com