Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 95 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 91Page - Texas Instruments AFE7900IALK Datasheet HTML 92Page - Texas Instruments AFE7900IALK Datasheet HTML 93Page - Texas Instruments AFE7900IALK Datasheet HTML 94Page - Texas Instruments AFE7900IALK Datasheet HTML 95Page - Texas Instruments AFE7900IALK Datasheet HTML 96Page - Texas Instruments AFE7900IALK Datasheet HTML 97Page - Texas Instruments AFE7900IALK Datasheet HTML 98Page - Texas Instruments AFE7900IALK Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
6.12.9 TX Typical Characteristics at 1.8GHz
Typical values at TA = +25°C with nominal supplies. Unless otherwise noted, TX input data rate = 491.52MSPS, fDAC =
11796.48MSPS, interleave mode, AOUT = –1 dBFS, 1st Nyquist zone output, Internal PLL, fREF = 491.52MSPS, 24x
Interpolation, DSA = 0 dB, Sin(x)/x enabled, Dither = 1, DSA calibrated, TX Clock Dither Enabled
Output Frequency (MHz)
1200 1350 1500 1650 1800 1950 2100 2250 2400 2550 2700
-160
-158
-156
-154
-152
-150
-148
-146
Aout=-30dBFS
Aout=-20dBFS
Aout=-12dBFS
Aout=-6dBFS
Aout=-1dBFS
Matching at 2.6 GHz, Single tone, fDAC = 11.79648GSPS,
interleave mode, 40-MHz offset
Figure 6-333. TX Single Tone Output Noise vs Frequency and
Amplitude at 1.8 GHz
TM1.1, POUT_RMS = –13 dBFS
Figure 6-334. TX 20-MHz LTE Output Spectrum at 1.8425 GHz
Pout (dBFS)
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
1TX
2TX
3TX
4TX
Matching at 1.8 GHz, single carrier 20-MHz BW TM1.1 LTE
Figure 6-335. TX 20-MHz LTE ACPR vs Digital Level at 1.8425
GHz
Pout(dBFS)
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-73
-71
-69
-67
-65
-63
-61
-59
-57
-55
1TX
2TX
3TX
4TX
Matching at 1.8 GHz, single carrier 20-MHz BW TM1.1 LTE
Figure 6-336. TX 20-MHz LTE alt-ACPR vs Digital Level at 1.8425
GHz
Pout(dBFS)
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-74
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
1TX
2TX
3TX
4TX
Matching at 1.8 GHz, single carrier 20-MHz BW TM1.1 LTE
Figure 6-337. TX 20-MHz LTE alt2-ACPR vs Digital Level at
1.8425 GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-72
-69
-66
-63
-60
-57
-54
-51
1TX
2TX
3TX
4TX
Matching at 1.8 GHz, single carrier 20-MHz BW TM1.1 LTE
Figure 6-338. TX 20-MHz LTE ACPR vs DSA at 2.6 GHz
www.ti.com
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com